Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L04 Datasheet(PDF) 21 Page - Pycom

Part # L04
Description  the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

L04 Datasheet(HTML) 21 Page - Pycom

Back Button L04 Datasheet HTML 17Page - Pycom L04 Datasheet HTML 18Page - Pycom L04 Datasheet HTML 19Page - Pycom L04 Datasheet HTML 20Page - Pycom L04 Datasheet HTML 21Page - Pycom L04 Datasheet HTML 22Page - Pycom L04 Datasheet HTML 23Page - Pycom L04 Datasheet HTML 24Page - Pycom L04 Datasheet HTML 25Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21
Symbol
Description
Conditions
Min
Typ.
Max
Unit
RFS_L125_LF
RF sensitivity, Long–Range
Mode, highest LNA gain, Band
2 or 3, using split RX/TX path
125 kHz bandwidth
SF = 6
–
–121
–
dBm
SF = 7
–
–125
–
dBm
SF = 8
–
–128
–
dBm
SF = 9
–
–131
–
dBm
SF = 10
–
–134
–
dBm
SF = 11
–
–136
–
dBm
SF = 12
–
–137
–
dBm
RFS_L500_
LF
RF sensitivity, Long–Range
Mode, highest LNA gain, Band
2 or 3, using split RX/TX path
500 kHz bandwidth
SF = 6
–
–112
–
dBm
SF = 7
–
–118
–
dBm
SF = 8
–
–121
–
dBm
SF = 9
–
–124
–
dBm
SF = 10
–
–127
–
dBm
SF = 11
–
–129
–
dBm
SF = 12
–
–130
–
dBm
CCR_LCW
Co–channel rejection
Single CW tone = Sens +6 dB
1% PER
SF = 7
–
5
–
dB
SF = 8
–
9.5
–
dB
SF = 9
–
12
–
dB
SF = 10
–
14.4
–
dB
SF = 11
–
17
–
dB
SF = 12
–
19.5
–
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com