Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W01 Datasheet(PDF) 13 Page - Pycom

Part # W01
Description  The tiny MicroPython enabled Wifi & Bluetooth IoT development platform.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

W01 Datasheet(HTML) 13 Page - Pycom

Back Button W01 Datasheet HTML 9Page - Pycom W01 Datasheet HTML 10Page - Pycom W01 Datasheet HTML 11Page - Pycom W01 Datasheet HTML 12Page - Pycom W01 Datasheet HTML 13Page - Pycom W01 Datasheet HTML 14Page - Pycom W01 Datasheet HTML 15Page - Pycom W01 Datasheet HTML 16Page - Pycom W01 Datasheet HTML 17Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
Table 11 – Receiver (BLE) specifications
13.2.3 Receiver – Bluetooth LE
Parameter
Min
Typ.
Max
Unit
Sensitivity @30.8% PER
–
–97
–
dBm
Maximum received signal @30.8% PER
0
–
–
dBm
Co–channel C/I
–
+10
–
dB
Adjacent channel selectivity C/I
F = F0 + 1MHz
–
–5
–
dB
F = F0 – 1MHz
–
–5
–
dB
F = F0 + 2MHz
–
–25
–
dB
F = F0 – 2MHz
–
–35
–
dB
F = F0 + 3MHz
–
–35
–
dB
F = F0 – 3MHz
–
–45
–
dB
Out–of–band blocking performance
30MHz ~
2000MHz
–10
–
–
dB
2000MHz ~
2400MHz
–27
–
–
dBm
2500MHz ~
3000MHz
–27
–
–
dBm
3000MHz ~
12.5GHZ
–10
–
–
dBm
Intermodulation
–36
–
–
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com