Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B43560 Datasheet(PDF) 2 Page - EPCOS

Part # B43560
Description  Capacitors with Screw Terminals
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43560 Datasheet(HTML) 2 Page - EPCOS

  B43560_02 Datasheet HTML 1Page - EPCOS B43560_02 Datasheet HTML 2Page - EPCOS B43560_02 Datasheet HTML 3Page - EPCOS B43560_02 Datasheet HTML 4Page - EPCOS B43560_02 Datasheet HTML 5Page - EPCOS B43560_02 Datasheet HTML 6Page - EPCOS B43560_02 Datasheet HTML 7Page - EPCOS B43560_02 Datasheet HTML 8Page - EPCOS B43560_02 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
151 10/02
Compact – 105 °C
B43560 / B43580
Specifications and characteristics in brief
Ripple current capability
Due to the ripple current capability of the contact elements, the following current upper limits must
not be exceeded:
Rated voltage
UR
Surge voltage
US
350 … 450 VDC
1,10 ·
UR (105 °C; UR ≤ 400 VDC, 85 °C; UR = 450 VDC)
Rated capacitance
CR
Capacitance tolerance
2 200 … 15 000
µF
± 20 % M
Leakage current
IL
(5 min, 20 °C)
Self-inductance
ESL
d = 51,6 mm: approx. 15 nH
d
≥ 64,3 mm: approx. 20 nH
Capacitors with low-inductance design:
d
≥ 64,3 mm: approx. 13 nH
Useful life
105 °C;
UR; I~R
85 °C;
UR; I~R
40 °C;
UR; 2,2 · I~R
>
6 000 h
> 20 000 h
> 250 000 h
Requirements:
∆C/C
≤ ± 30 % of initial value
ESR
≤ 3 times initial specified limit
IL
≤ initial specified limit
Failure percentage:
≤ 1 %
Failure rate:
≤ 20 fit (≤ 20 · 10–9/h)
(for definiton “fit”, refer to chapter
“Quality”, page 62)
Voltage endurance test
105 °C;
UR; I~R
2 000 h
Post test requirements:
∆C/C
≤ ± 10 % of initial value
ESR
≤ 1,3 times initial specified limit
IL
≤ initial specified limit
Vibration resistance
To IEC 60068-2-6, test Fc:
displacement amplitude 0,75 mm, frequency range 10 to 55 Hz,
acceleration max. 10
g, duration 3
× 2 h
IEC climatic category
To IEC 60068-1:
40/105/56 (– 40 °C/+ 105 °C/56 days damp heat test)
Detail specifications
Sectional specification
Similar to CECC 30301-803, CECC 30301-807
IEC 60384-4
Capacitor diameter
64,3 mm
76,9 mm
91,0 mm
I~max
40 A
50 A
70 A
I
L
0,3
µA
C
R
µF
-------
U
R
V
-------
⋅
èø
æö
⋅
0,7
≤
4
µA
+



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com