Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7524L-D08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 7524L-D08-R
Description  POWER FACTOR CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7524L-D08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  7524L-D08-R Datasheet HTML 1Page - Unisonic Technologies 7524L-D08-R Datasheet HTML 2Page - Unisonic Technologies 7524L-D08-R Datasheet HTML 3Page - Unisonic Technologies 7524L-D08-R Datasheet HTML 4Page - Unisonic Technologies 7524L-D08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
7524
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R114-002.D
APPLICATION CIRCUIT
H
N
F.G
5
7
2
1
4
8
3
6
2A
TNR
C1
L1
R3
C2
C4
C3
NTC
R1
R4
D1
R5
C5
T1
Q1
D2
R6
R7
R8
R9
R10
R11
R12
VR1
C6
C7
R2
C10
C11
T2
DIAC
D9
Q2
D6
D4
R19
D8
C15
C13
C12
D7
C14
L2
L3
D5
Q3
D3
R17
R16
T2
R14
BDI
R18
T2
C9
C8
R13
PART LIST
Resistor
Capacitor
Semiconductor
Magnetics
R1
1.8M
C1
0.1
µF
IC1
UTC 7524
T1
E1-25(PC30):P=70T,S=4T,Gap=0.5mm
R2
10K
C2
0.1
µF
Q1
IRF830
T2
D15(GP-5):P=3T,S=13T
R3
100K
C3
4700pF
Q2
2SC5039
L1
EE-25(Iron Power),80mH
R4
3.3Ω
C4
4700pF
Q3
2SC5039
L2
EI-25(PC30):150T,Gap=0.4mm
R5
22K
C5
0.1
µF
D1
1N4004
R7
2.2K
C6
0.01
µF
D2
1N4937
R8
2.2M
C7
100
µF
D3
1N4148
R9
150K
C8
0.1
µF
D4
1N4148
R10 330Ω
C9
3300pF
D5
FR107
R11 0.75Ω
C10
47
µF/450V
D6
FR107
R12 5.1K
C11
0.1
µF
D7
FR107
R13 1M
C12
3300pF
D8
FR107
R14 390K
C13
3300pF
BD1
PBP204
R15 3.9M
C14
0.01
µF
TNR
12G471
R16 5.1
Ω
C15
0.01
µF
DIAIC 32V
R17 27
Ω
R18 5.1
Ω
R19 27
Ω
VR1 5K
NTC 10
Ω
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com