Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7524-D08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 7524-D08-R
Description  POWER FACTOR CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7524-D08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  7524-D08-R Datasheet HTML 1Page - Unisonic Technologies 7524-D08-R Datasheet HTML 2Page - Unisonic Technologies 7524-D08-R Datasheet HTML 3Page - Unisonic Technologies 7524-D08-R Datasheet HTML 4Page - Unisonic Technologies 7524-D08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
7524
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R114-002.D
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Low Clamp Voltage
VIC(L)
IDET=0mA
0.95
V
Input High Clamp Voltage
VIC(H)
IDET=3mA
6.1
7.1
V
Input Current
IIN
0.8V<VDET<6V
5
µA
Input Clamp Diode Current
II(CD)
VDET<0.9V,VDET>6V
3
mA
Output Section
Output Voltage(High)
VO(H)
IOUT=-10mA,VCC=12V
7
9
V
Output Voltage(low)
VO(L)
IOUT =10mA,VCC=12V
0.8
1.8
V
Rising Time
tR
CL=1000pF
100
200
ns
Failing Time
tF
CL=1000pF
90
200
ns
Self-Start Section
Self Starting Time
tSS
12
µs
Note: 1.Reference can not be tested on the PKG
2.Gv=VO(M)/(VI(M1)*(VI(M2)-VREF))



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com