Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6382D5 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6382D5
Description  Power management unit for microcontrolled ballast
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D5 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6382D5 Datasheet HTML 5Page - STMicroelectronics L6382D5 Datasheet HTML 6Page - STMicroelectronics L6382D5 Datasheet HTML 7Page - STMicroelectronics L6382D5 Datasheet HTML 8Page - STMicroelectronics L6382D5 Datasheet HTML 9Page - STMicroelectronics L6382D5 Datasheet HTML 10Page - STMicroelectronics L6382D5 Datasheet HTML 11Page - STMicroelectronics L6382D5 Datasheet HTML 12Page - STMicroelectronics L6382D5 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
L6382D5
Electrical characteristics
9/21
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
TFALL
12
Fall time
Cload = 1nF
75
ns
TDELAY
12
Propagation delay
(LGI to LSG)
high to low and low to
high
300
ns
RB
12
Pull down Resistor
to OUT
20
K
Ω
High-side floating gate-driver supply
ILKBOOT
11
VBOOT pin leakage
current
VBOOT = 580V
5µA
ILKOUT
13
OUT pin leakage
current
VOUT = 562V
5µA
RDS(on)
Synchronous
bootstrap
diode on-
resistance
VLVG = HIGH
150
Ω
Forward Voltage
Drop
at 10 mA forward current
2.4
V
Forward Current
at 5V forward voltage
drop
20
mA
VREF
VREF
20
Reference voltage
15mA load.
4.9
5
5.1
V
20
Load regulation
IRef = -3 to +30 mA
-20
2
mV
20
Voltage change
15mA load; Vcc = 9V to
15V
15
mV
20
VREF latched
protection
3.2
V
20
VREF Clamp
@3mA
VCC from 0 to VCCON
during start-up; Vcc from
VREF(OFF) to 0 during
shut-down; VREF < 2V
1.2
1.8
V
IREF
20
Current Drive
Capability
-3
+30
mA
Save mode
-3
+10
mA
Overcurrent buffer stage
VCSI
19
Comparator Level
0.52
0.54
0.56
V
ICSI
19
Input Bias Current
500
nA
Propagation delay
CSO turn off to LSG low
200
ns
Table 4. Electrical characteristcs (TJ = 25°C, VCC = 13V, CDRIVER = 1nF
unless otherwise specified) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com