Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6711_06 Datasheet HTML 16Page - STMicroelectronics L6711_06 Datasheet HTML 17Page - STMicroelectronics L6711_06 Datasheet HTML 18Page - STMicroelectronics L6711_06 Datasheet HTML 19Page - STMicroelectronics L6711_06 Datasheet HTML 20Page - STMicroelectronics L6711_06 Datasheet HTML 21Page - STMicroelectronics L6711_06 Datasheet HTML 22Page - STMicroelectronics L6711_06 Datasheet HTML 23Page - STMicroelectronics L6711_06 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
Current reading and current sharing control loop
L6711
20/50
50
µA offset allows negative current reading, enabling the device to check for dangerous
returning current between the phases assuring the complete current equalization. From the
current information of each phase, information about the total current delivered (IDROOP =
IINFO1 + IINFO2 + IINFO3) and the average current for each phase (IAVG = (IINFO1 + IINFO2 +
IINFO3)/3 ) is taken. IINFOX is then compared to IAVG to give the correction to the PWMx
output in order to equalize the current carried by the three phases.
Figure 6.
Current reading across LS mosfet: timing (left) and circuit (right) for each
phase.
7.2
Inductor current reading
Shorting CS_SEL pin to SGND, the current flowing trough each phase is read using the
voltage drop across the output inductor or across a sense resistor (RSENSE) in its series and
internally converted into a current. The transconductance ratio is issued by the external
resistor Rg placed outside the chip between CSx- and CSx+ pins toward the reading points
(see Figure 5 right).
The current sense circuit always tracks the current sensed and still sources a constant 50
µA
current from the CSx+ pin: this pin is used as a reference keeping the CSx- pin to this
voltage. To correctly reproduce the inductor current an R-C filtering network must be
introduced in parallel to the sensing element.
The current that flows from the CSx- pin is then given by the following equation (See Figure
7):
Where IPHASEx is the current carried by the relative phase.
Considering now to match the time constant between the inductor and the R-C filter applied
(Time constant mismatches cause the introduction of poles into the current reading network
causing instability. Moreover, it is also important for the load transient response and to let
the system show resistive equivalent output impedance), it results:
where
IINFOx is the current information reproduced internally.
50
µA offset allows negative current reading, enabling the device to check for dangerous
returning current between the phases assuring the complete current equalization. From the
IPHASEx
ILSx
IINFOx
TTRACK
TSW
CSx+
CSx-
LGATEx
IPHASEx
50
µA
ICSx-
Rg
Rg
I
CSx-
50
µA
R
L
R
g
-------
1s
L
R
L
-------
⋅
+
1s R
gR C
() Cg
⋅⋅
+
------------------------------------------------
⎝⎠
⎜⎟
⎜⎟
⎜⎟
⎛⎞
I
PHASEx
⋅⋅
+
=
R
gRC
() Cg
I
CSx-
≥
⋅
50
µA
R
L
Rg
-------- IPHASEx
⋅
+
50
µAI
INFOx
+
==
I
INFOx
I
PHASEx
R
L
Rg
--------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com