Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPE-4841 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LPE-4841
Description  Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPE-4841 Datasheet(HTML) 1 Page - Vishay Siliconix

  LPE-4841 Datasheet HTML 1Page - Vishay Siliconix LPE-4841 Datasheet HTML 2Page - Vishay Siliconix LPE-4841 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LPE-4841
Vishay Dale
Document Number: 34064
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 17-Apr-07
155
Surface Mount Transformers/Inductors,
Gapped and Ungapped Custom Configurations Available
NOTE: Pad layout guidelines per MIL-STD-275E
(printed wiring for electronic equipment).
Tolerances: xx ± 0.01" [± 0.25 mm]; xxx ± 0.005"
[± 0.12 mm]
The underside of these components contains
metal and thus should not come in contact with
active circuit traces.
DIMENSIONS in inches [millimeters]
0.045 [1.14]
Pad Dimensions
Typical, 8 places
0.079 [2.01]
0.045
[1.14]
0.382
[9.70]
0.427
[10.85]
Reference Only
Typical
3 places
Pad Layout
0.421
[10.69]
Max.
4
1
5
8
0.492 [12.50]
Max.
Dimensional Outline
0.248 [6.30]
Max.
Foot print Diagram
0.400
[10.16]
0.028
[.71]
0.028
[.71]
0.079
[2.01]
Typ.
ELECTRICAL SPECIFICATIONS
Inductance Range: 10 µH to 47 000 µH, measured at 0.10 V RMS at
10 kHz without DC current, using an HP 4263A or HP 4284A
impedance analyzer
DC Resistance Range: 0.03
Ω to 19.1 Ω, measured at + 25 °C ± 5 °C
Rated Current Range: 2.00 amps to 0.09 amps
Dielectric Withstanding Voltage: 500 V RMS, 60 Hz, 5 seconds
* DC current that will create a maximum temperature rise of 30 °C when applied at + 25 °C
ambient. ** DC current that will typically reduce the initial inductance by 20 %.
UNGAPPED MODELS: Highest possible inductance with the lowest DCR and highest
Q capability. Beneficial in filter, impedance matching and line coupling devices.
GAPPED MODELS: Capable of handling large amounts of DC current, tighter
inductance tolerance with better temperature stability than ungapped models. Beneficial
in DC to DC converters or other circuits carrying DC currents or requiring inductance
stability over a temperature range.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND.
(µH)
IND.
TOL.
SCHEMATIC
LETTER
DCR
MAX.
(Ohms)
MAX. RATED*
DC CURRENT
(Amps)
SATURATING
CURRENT**
(Amps)
Ungapped Models
LPE-4841-101NA
LPE-4841-151NA
LPE-4841-221NA
LPE-4841-331NA
LPE-4841-471NA
LPE-4841-681NA
100
150
220
330
470
680
± 30 %
± 30 %
± 30 %
± 30 %
± 30 %
± 30 %
A
A
A
A
A
A
0.17
0.21
0.25
0.30
0.36
0.44
0.88
0.79
0.721
0.65
0.60
0.54
N/A
N/A
N/A
N/A
N/A
N/A
LPE-4841-102NA
LPE-4841-152NA
LPE-4841-222NA
LPE-4841-332NA
LPE-4841-472NA
LPE-4841-682NA
1000
1500
2200
3300
4700
6800
± 30 %
± 30 %
± 30 %
± 30 %
± 30 %
± 30 %
A
A
A
A
A
A
0.53
0.65
0.79
1.55
1.85
4.36
0.49
0.45
0.40
0.29
0.26
0.17
N/A
N/A
N/A
N/A
N/A
N/A
LPE-4841-103NA
LPE-4841-153NA
LPE-4841-223NA
LPE-4841-333NA
LPE-4841-473NA
10 000
15 000
22 000
33 000
47 000
± 30 %
± 30 %
± 30 %
± 30 %
± 30 %
A
A
A
A
A
5.29
6.48
13.1
16.0
19.1
0.16
0.14
0.10
0.09
0.08
N/A
N/A
N/A
N/A
N/A
Gapped Models
LPE-4841-100MB
LPE-4841-150MB
LPE-4841-220MB
LPE-4841-330MB
LPE-4841-470MB
LPE-4841-680MB
10
15
22
33
47
68
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
B
B
C
C
D
D
0.03
0.04
0.07
0.09
0.13
0.21
2.03
1.84
1.32
1.20
0.98
0.79
2.320
1.925
1.610
1.330
1.125
0.941
LPE-4841-101MB
LPE-4841-151MB
LPE-4841-221MB
LPE-4841-331MB
LPE-4841-471MB
LPE-4841-681MB
100
150
220
330
470
680
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
E
E
E
E
E
E
0.35
0.48
0.73
1.14
1.36
2.07
0.58
0.52
0.42
0.34
0.31
0.25
0.781
0.641
0.532
0.436
0.366
0.305
LPE-4841-102MB
LPE-4841-152MB
LPE-4841-222MB
LPE-4841-332MB
LPE-4841-472MB
1000
1500
2200
3300
4700
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
E
E
E
E
E
3.15
4.76
7.29
11.7
17.7
0.20
0.16
0.13
0.11
0.09
0.252
0.206
0.170
0.139
0.117
RoHS
COMPLIANT
GLOBAL PART NUMBER
DESCRIPTION
TOL.
L
8
4
E
P4
1
R
E
10
U
N
2
PRODUCT FAMILY
SIZE
PACKAGE
CODE
INDUCTANCE
VALUE
CORE
A
CORE
± 30 %
INDUCTANCE TOLERANCE
1000 µH
INDUCTANCE VALUE
4841
SIZE
LPE
MODEL
ER
PACKAGE CODE
e2
JEDEC LEAD (Pb)-FREE STANDARD


Similar Part No. - LPE-4841

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE-4841 VISHAY-LPE-4841 Datasheet
135Kb / 2P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
28-Aug-02
LPE-4841 VISHAY-LPE-4841 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
LPE-4841 VISHAY-LPE-4841 Datasheet
119Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
24-Feb-11
LPE-4841 VISHAY-LPE-4841 Datasheet
100Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
30-Apr-2019
LPE-4841-100MB VISHAY-LPE-4841-100MB Datasheet
135Kb / 2P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
28-Aug-02
More results

Similar Description - LPE-4841

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE-3325 VISHAY-LPE-3325 Datasheet
67Kb / 2P
Surface Mount Transformers/Inductors Gapped and Ungapped, Custom Configurations Available
10-Oct-08
LPE-5047 VISHAY-LPE-5047_08 Datasheet
107Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
10-Oct-08
LPE-6855 VISHAY-LPE-6855 Datasheet
110Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
10-Oct-08
LPE3325 VISHAY-LPE3325_11 Datasheet
99Kb / 3P
Surface Mount Transformers/Inductors,Gapped and Ungapped, Custom Configurations Available
24-Feb-11
LPE6855 VISHAY-LPE6855_12 Datasheet
102Kb / 3P
Surface Mount Transformers/Inductors,Gapped and Ungapped, Custom Configurations Available
10-Oct-08
LPE-6855 VISHAY-LPE-6855_17 Datasheet
104Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
10-Oct-08
LPE-4841 VISHAY-LPE-4841_V01 Datasheet
100Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
30-Apr-2019
LPE-5047 VISHAY-LPE-5047_V01 Datasheet
88Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
10-Oct-08
LPE-6562 VISHAY-LPE-6562_V01 Datasheet
102Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
04-Dec-14
LPE-6855 VISHAY-LPE-6855_V01 Datasheet
86Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
10-Oct-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com