Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74194 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74194
Description  4 BIT PIPO SHIFT REGISTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74194 Datasheet(HTML) 2 Page - STMicroelectronics

  74194 Datasheet HTML 1Page - STMicroelectronics 74194 Datasheet HTML 2Page - STMicroelectronics 74194 Datasheet HTML 3Page - STMicroelectronics 74194 Datasheet HTML 4Page - STMicroelectronics 74194 Datasheet HTML 5Page - STMicroelectronics 74194 Datasheet HTML 6Page - STMicroelectronics 74194 Datasheet HTML 7Page - STMicroelectronics 74194 Datasheet HTML 8Page - STMicroelectronics 74194 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
INPUT AND OUTPUT EQUIVALENT CIRCUIT
TRUTH TABLE
INPUTS
OUTPUS
CLEAR
MODE
CLOCK
SERIAL
PARALLEL
QA
QB
QC
QD
S1
S0
LEFT
RIGHT
ABCD
L
X
X
X
X
X
XXXX
L
L
L
L
H
X
X
X
X
XXXX
QA0
QB0
QC0
QD0
H
H
H
X
X
abc
d
a
b
c
d
H
L
H
X
H
XXXX
H
QAn
QBn
QCn
H
L
H
X
L
XXXX
L
QAn
QBn
QCn
H
H
L
H
X
XXXX
QBn
QCn
QDn
H
H
H
L
L
X
XXXX
QBn
QCn
QDn
L
H
L
L
X
X
X
XXXX
QA0
QB0
QC0
QD0
X: Don’t Care
: Don’t Care
a ~ d
: The level of steady state input voltage at input A ~ D respactively
QA0 ~ QD0
: No change
QAn ~ QDn
: The level of QA, QB, QC, respectively, before the mst recent positive transition of the clock.
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1
CLEAR
Asynchronous Reset
Input (Active LOW)
2
SR
Serial Data Input (Shift
Right)
3, 4, 5, 6
A to D
Parallel Data Input
7
SL
Serial Data Input (Shift
Left)
9, 10
S0, S1
Mode Control Inputs
11
CLOCK
Clock Input (LOW to
HIGH Edge-triggered)
15, 14, 13, 12
QA to QD
Paralle Outputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
IEC LOGIC SYMBOL
M54/M74HC194
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com