Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT7813 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT7813
Description  64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7813 Datasheet(HTML) 4 Page - Texas Instruments

  SN74ACT7813 Datasheet HTML 1Page - Texas Instruments SN74ACT7813 Datasheet HTML 2Page - Texas Instruments SN74ACT7813 Datasheet HTML 3Page - Texas Instruments SN74ACT7813 Datasheet HTML 4Page - Texas Instruments SN74ACT7813 Datasheet HTML 5Page - Texas Instruments SN74ACT7813 Datasheet HTML 6Page - Texas Instruments SN74ACT7813 Datasheet HTML 7Page - Texas Instruments SN74ACT7813 Datasheet HTML 8Page - Texas Instruments SN74ACT7813 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN74ACT7813
64
× 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS199B – JANUARY 1991 – REVISED APRIL 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AF/AE
24
O
Almost-full/almost-empty flag. Depth offset values can be programmed for AF/AE, or the default value
of 8 can be used for both the AE offset (X) and the AF offset (Y). AF/AE is high when memory contains
X or fewer words or (64 – Y) or more words. AF/AE is high after reset.
D0–D17
21–14, 12–11,
9–2
I
18-bit data input port
HF
22
O
Half-full flag. HF is high when the FIFO memory contains 32 or more words. HF is low after reset.
IR
28
O
Input-ready flag. IR is synchronized to the low-to-high transition of WRTCLK. When IR is low, the FIFO
is full and writes are disabled. IR is low during reset and goes high on the second low-to-high transition
of WRTCLK after reset.
OE1, OE2
56, 30
I
Output enables. When OE1, OE2, and RDEN are low and OR is high, data is read from the FIFO on
a low-to-high transition of RDCLK. When either OE1 or OE2 is high, reads are disabled and the data
outputs are in the high-impedance state.
OR
29
O
Output-ready flag. OR is synchronized to the low-to-high transition of RDCLK. When OR is low, the
FIFO is empty and reads are disabled. Ready data is present on Q0–Q17 when OR is high. OR is low
during reset and goes high on the third low-to-high transition of RDCLK after the first word is loaded
to empty memory.
PEN
23
I
Program enable. After reset and before the first word is written to the FIFO, the binary value on D0–D4
is latched as an AF/AE offset value when PEN is low and WRTCLK is high.
Q0–Q17
33–34, 36–38,
40–43, 45–49,
51, 53–55
O
The 18-bit data output port. After the first valid write to empty memory, the first word is output on
Q0–Q17 on the third rising edge of RDCLK. OR also is asserted high at this time to indicate ready data.
When OR is low, the last word read from the FIFO is present on Q0–Q17.
RDCLK
32
I
Read clock. RDCLK is a continuous clock and can be asynchronous or coincident to WRTCLK. A
low-to-high transition of RDCLK reads data from memory when OE1, OE2, and RDEN are low and OR
is high. OR is synchronous to the low-to-high transition or RDCLK.
RDEN
31
I
Read enable. When RDEN, OE1, and OE2 are low and OR is high, data is read from the FIFO on the
low-to-high transition of RDCLK.
RESET
1
I
Reset. To reset the FIFO, four low-to-high transitions of RDCLK and four low-to-high transitions of
WRTCLK must occur while RESET is low. This sets HF, IR, and OR low and AF/AE high.
WRTCLK
25
I
Write clock. WRTCLK is a continuous clock and can be asynchronous or coincident to RDCLK. A
low-to-high transition of WRTCLK writes data to memory when WRTEN2 is low, WRTEN1 is high, and
IR is high. IR is synchronous to the low-to-high transition of WRTCLK.
WRTEN1,
WRTEN2
27, 26
I
Write enables. When WRTEN1 is high, WRTEN2 is low, and IR is high, data is written to the FIFO on
a low-to-high transition of WRTCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com