Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCS2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STCS2
Description  2 A max constant current LED driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCS2 Datasheet(HTML) 5 Page - STMicroelectronics

  STCS2 Datasheet HTML 1Page - STMicroelectronics STCS2 Datasheet HTML 2Page - STMicroelectronics STCS2 Datasheet HTML 3Page - STMicroelectronics STCS2 Datasheet HTML 4Page - STMicroelectronics STCS2 Datasheet HTML 5Page - STMicroelectronics STCS2 Datasheet HTML 6Page - STMicroelectronics STCS2 Datasheet HTML 7Page - STMicroelectronics STCS2 Datasheet HTML 8Page - STMicroelectronics STCS2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STCS2
Maximum ratings
5/16
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
-0.3 to +45
V
DRAIN
Drain pin
-0.3 to +45
SOURCE
Source pin
-0.3 to + 3.3
V
PWM, EN, DISC
Logic pins
-0.3 to + VCC + 0.3
V
FB
Configuration pins
-0.3 to + 3.3
V
ESD
Human body model (all pins)
±2
kV
TJ
(1)
1.
TJ is calculated from the ambient temperature TA and the power dissipation PD according the following formula:
TJ = TA + (PD x RthJA). See Figure 12 for details of max power dissipation for ambient temperatures higher than 25°C.
Junction temperature
-40 to 150
°C
TSTG
Storage temperature range
-55 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
PowerSO-10
Unit
RthJC
Thermal resistance junction-case
2
°C/W
RthJA
Thermal resistance junction-ambient (1)
50
°C/W
RthJA
Thermal resistance junction-ambient (2)
35
°C/W
RthJA
Thermal resistance junction-ambient (3)
12
°C/W
1.
FR4 with using the recommended pad-layout
2.
FR4 with heat sink on board (6 cm2).
3.
FR4 with copper-filled through holes and external heat sink applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com