Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA32813TR Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA32813TR
Description  2.1-channel high-efficiency digital audio system
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA32813TR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA32813TR Datasheet HTML 35Page - STMicroelectronics STA32813TR Datasheet HTML 36Page - STMicroelectronics STA32813TR Datasheet HTML 37Page - STMicroelectronics STA32813TR Datasheet HTML 38Page - STMicroelectronics STA32813TR Datasheet HTML 39Page - STMicroelectronics STA32813TR Datasheet HTML 40Page - STMicroelectronics STA32813TR Datasheet HTML 41Page - STMicroelectronics STA32813TR Datasheet HTML 42Page - STMicroelectronics STA32813TR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
STA328
Register description
39/57
CxEQBP:
"
0 perform EQ on channel X - normal operation
"
1 bypass EQ on channel X
Tone control (bass/treble) can be bypassed on a per channel basis. If tone control is
bypassed on a given channel the two filters that tone control utilizes are bypassed.
CxTCB:
"
0 perform tone control on channel x - (default operation)
"
1 bypass tone control on channel x
Each channel can be configured to output either the patented DDX® PWM data or standard
binary PWM encoded data. By setting the CxBO bit to 1, each channel can be individually
controlled to be in binary operation mode.
Also, there is the capability to map each channel independently onto any of the two limiters
available within the STA328 or even not map it to any limiter at all (default mode).
Each PWM Output Channel can receive data from any channel output of the volume block. Which channel a partic-
ular PWM output receives is dependent upon that channel’s CxOM register bits.
Table 58.
Channel limiter mapping selection
CxLS[1,0]
Channel limiter mapping
00
Channel has limiting disabled
01
Channel is mapped to limiter #1
10
Channel is mapped to limiter #2
Table 59.
Channel PWM output mapping
CxOM[1:0]
PWM output from
00
Channel 1
01
Channel 2
10
Channel 3
11
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com