Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC244 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC244
Description  HC240: INVERTED - HC241/244 NON INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC244 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC244 Datasheet HTML 1Page - STMicroelectronics M54HC244 Datasheet HTML 2Page - STMicroelectronics M54HC244 Datasheet HTML 3Page - STMicroelectronics M54HC244 Datasheet HTML 4Page - STMicroelectronics M54HC244 Datasheet HTML 5Page - STMicroelectronics M54HC244 Datasheet HTML 6Page - STMicroelectronics M54HC244 Datasheet HTML 7Page - STMicroelectronics M54HC244 Datasheet HTML 8Page - STMicroelectronics M54HC244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
M54HC240/241/244
M74HC240/241/244
October 1993
HC240: INVERTED - HC241/244 NON INVERTED
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXF1R
M74HCXXXM1R
M74HCXXXB1R
M74HCXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTION (top view)
.
HIGH SPEED
tPD = 10 ns (TYP.) at VCC =5V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) at TA =25 oC
.
HIGH NOISE IMMUNITY
VNIH =VINL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
15 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 6 mA (MIN)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2V to 6V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS240/241/244
DESCRIPTION
The M54/74HC240, HC241 and HC244 are high
speed CMOS OCTAL BUS BUFFERs fabricated in
silicon gate C
2MOS technology.
They have the same high speed performance of
LSTTL combined with true CMOS low power
consumption.
The designer has a choise of select combination of
inverting and non-inverting outputs, symmetrical G
(active
low
output
control)
input,
and
complementary G and G inputs. Each control input
governs four BUS BUFFERs.
These devices are designed to be used with 3 state
memory address drivers, etc. All inputs are
equipped with protection circuits against static
discharge and transient excess voltage.
HC244
HC241
HC240
1/12


Similar Part No. - M54HC244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC244 STMICROELECTRONICS-M54HC244 Datasheet
154Kb / 10P
RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
April 2004
M54HC244 STMICROELECTRONICS-M54HC244 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC244D STMICROELECTRONICS-M54HC244D Datasheet
154Kb / 10P
RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
April 2004
M54HC244D STMICROELECTRONICS-M54HC244D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC244D1 STMICROELECTRONICS-M54HC244D1 Datasheet
154Kb / 10P
RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
April 2004
More results

Similar Description - M54HC244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
66Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Jun-1999
74VHCT541A STMICROELECTRONICS-74VHCT541A Datasheet
63Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Aug-1999
M54HCT240 STMICROELECTRONICS-M54HCT240 Datasheet
262Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT240: INVERTED - HCT241/244 NON INVERTED
Sep-1993
logo
Toshiba Semiconductor
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
logo
STMicroelectronics
74AC541 STMICROELECTRONICS-74AC541 Datasheet
84Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Nov-1998
M74HCT244B1R STMICROELECTRONICS-M74HCT244B1R Datasheet
199Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Aug-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com