Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7067 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC7067
Description  SMA Male (Plug) Connector for RG316DS, RG188-DS Cable, Crimp/Solder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC7067 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC7067 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC7067 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC7067 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
1
© 2023 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
SMA Male (Plug) Connector for RG316DS,
RG188-DS Cable, Crimp/Solder
SC7067
Configuration
• SMA Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• Connector Interface Types: RG316DS, RG188-DS
• 5/16 inch Hex
Features
• Operating Frequency of 12.4 GHz Max.
• Excellent VSWR of 1.21:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
Description
SMA Male Standard Connector Crimp/Solder Attachment for RG316DS and RG188-DS Cable, part number SC7067, from Fairview Microwave
is in-stock and ships same day. This SMA male connector operates up to a maximum frequency of 12.4 GHz and offers excellent VSWR of
1.21:1.
Fairview's SMA male connector SC7067 datasheet specifications and outline drawing are shown in this PDF below. Our extensive offering of
RF, microwave and millimeter wave connectors allows designers to configure and customize their signal connections however they like. From
providing an I/O for a board design to creating a custom cable assembly configuration, Fairview Microwave has a connector solution to meet
your needs. Fairview Microwave also has the expertise to build your custom cable assemblies for you and ship them same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.21:1
Operating Voltage (AC)
335
Vrms
Impedance
50
Ohms
Mechanical Specifications
Size
Length
Width
Height
Weight
Mating Torque
0.85 in [21.59 mm]
0.312 in [7.92 mm]
0.312 in [7.92 mm]
0.011 lbs [4.99 g]
7 to 10 in-lbs [0.79 to 1.13 Nm]


Similar Part No. - SC7067

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
SC706 ZETEX-SC706 Datasheet
65Kb / 1P
OUTLINE DRAWING FOR SC7606 LEAD
logo
Infinite Electronics In...
SC7060 FAIRVIEW-SC7060 Datasheet
510Kb / 3P
SMA Male Connector Crimp/Solder Attachment For 0.100 inch, RG316, RG174, RG188, LMR-100, LMR- 100A, LMR-100A-FR Cable
REV 2.1
SC7062 FAIRVIEW-SC7062 Datasheet
603Kb / 3P
SMA Male Connector Crimp/Solder Attachment For RG316, RG174 Cable
REV 1.1A
SC7064 FAIRVIEW-SC7064 Datasheet
594Kb / 3P
SMA Male Connector Crimp/Solder Attachment For 0.100 inch, RG316, RG174, RG188, LMR-100, LMR- 100A, LMR-100A-FR Cable
REV 2.0
SC7065 FAIRVIEW-SC7065 Datasheet
45Kb / 1P
FAIRVIEW MICROWAVE INC. SMA-M CONNECTOR RG316DS CRIMP (3.36) ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM .14"
REV A
More results

Similar Description - SC7067

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4400 PASTERNACK-PE4400 Datasheet
274Kb / 3P
SMA Male Connector Clamp/Solder Attachment For RG188-DS, RG316-DS
PE4399 PASTERNACK-PE4399 Datasheet
294Kb / 2P
SMA Male Connector Clamp/Solder Attachment For RG188-DS, RG316-DS
PE45164 PASTERNACK-PE45164 Datasheet
391Kb / 2P
Banana Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE45167 PASTERNACK-PE45167 Datasheet
413Kb / 3P
N Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45190 PASTERNACK-PE45190 Datasheet
357Kb / 3P
MMCX Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE4401 PASTERNACK-PE4401 Datasheet
263Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE4402 PASTERNACK-PE4402 Datasheet
259Kb / 3P
SMA Male Connector Solder Attachment For RG188-DS, RG316-DS
PE4408 PASTERNACK-PE4408 Datasheet
285Kb / 3P
SMA Male Right Angle Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE45165 PASTERNACK-PE45165 Datasheet
356Kb / 3P
Reverse Thread SMA Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45183 PASTERNACK-PE45183 Datasheet
342Kb / 3P
Reverse Polarity SMA Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com