Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M0818-APVSW Datasheet(PDF) 1 Page - CBC Group. CBC AMERICA LLC.

Part # M0818-APVSW
Description  f=8mm F1.8 ViSWIR Hyper Apochromat for VisibleSWIR image sensor, Fixed-focal C‐Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

M0818-APVSW Datasheet(HTML) 1 Page - CBC Group. CBC AMERICA LLC.

  M0818-APVSW Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M0818-APVSW
f=8mm F1.8 ViSWIR Hyper Apochromat
for Visible+SWIR image sensor, Fixed-focal
C‐Mount
Model No.
M0818-APVSW
Effective
Front
φ28.4mm
Focal Length
8mm
Lens Aperture
Rear
φ15.5mm
Max. Aperture Ratio
1:1.8
Distortion(inf)
2/3 Type
0.4%
Wavelength Range
400nm - 1700nm
1/2 Type
-0.4%
Max. Image Format
8.8mm x 6.6mm(φ11mm)
Back Focal Length
11.5mm
Operation Range
Iris
F1.8 ‐ F16.0
Flange Back Length
17.526mm
Focus
0.1m ‐ Inf.
Mount
C-Mount
Control
Iris
Manual
Filter Size
M46 P=0.75mm
Focus
Manual
Dimensions
φ49mm×54.7mm
Operating Temperature
-10℃ ‐ +50℃
Weight
163g
Angle of View
D
IMX990 (SXGA)
53.2°
IMX991 (VGA)
28.1°
2/3 Type
67.3°
H
6.40mm x 5.12mm
42.7°
3.20mm x 2.56mm
22.1°
8.80mm x 6.60mm
56.4°
V
(φ8.20mm)
34.7°
(φ4.10mm)
17.7°
(φ11mm)
43.9°
Dimensions
3.8
6.15
17.526(IN AIR)
φ29
54.7(∞)
FOCUS RING
IRIS RING
(FILTER SCREW)
M46x0.75
Specification is subject to change without any notice.
2021.07


Similar Part No. - M0818-APVSW

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
M0818-APVSW 2 COMPUTAR-M0818-APVSW 2 Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
M0818-APVSW 2 COMPUTAR-M0818-APVSW 2 Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
M0818-APVSW2 COMPUTAR-M0818-APVSW2 Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
More results

Similar Description - M0818-APVSW

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX038DNA SONY-ICX038DNA Datasheet
227Kb / 21P
Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX038DNB SONY-ICX038DNB Datasheet
210Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX039DNA SONY-ICX039DNA Datasheet
227Kb / 21P
Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX248AK SONY-ICX248AK Datasheet
230Kb / 21P
Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX419AKL SONY-ICX419AKL Datasheet
201Kb / 21P
Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX429AKL SONY-ICX429AKL Datasheet
189Kb / 21P
Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX419AKB SONY-ICX419AKB Datasheet
197Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX418AKB SONY-ICX418AKB Datasheet
229Kb / 21P
Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
logo
Level One
CAS-1200 LVL1-CAS-1200 Datasheet
174Kb / 2P
3~8mm Vari-Focal Lens
logo
Hamamatsu Corporation
C11165-01 HAMAMATSU-C11165-01_15 Datasheet
355Kb / 8P
For CCD image sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com