Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1218-APVSW Datasheet(PDF) 1 Page - CBC Group. CBC AMERICA LLC.

Part # M1218-APVSW
Description  f=12mm F1.8 ViSWIR Hyper Apochromat for VisibleSWIR image sensor, Fixed-focal C‐Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

M1218-APVSW Datasheet(HTML) 1 Page - CBC Group. CBC AMERICA LLC.

  M1218-APVSW Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M1218-APVSW
f=12mm F1.8 ViSWIR Hyper Apochromat
for Visible+SWIR image sensor, Fixed-focal
C‐Mount
Model No.
M1218-APVSW
Effective
Front
φ24.3mm
Focal Length
12mm
Lens Aperture
Rear
φ10.4mm
Max. Aperture Ratio
1:1.8
Distortion(inf)
2/3 Type
0.0%
Wavelength Range
400nm - 1700nm
1/2 Type
-0.3%
Max. Image Format
8.8mm x 6.6mm(φ11mm)
Back Focal Length
12.5mm
Operation Range
Iris
F1.8 ‐ F16.0
Flange Back Length
17.526mm
Focus
0.1m ‐ Inf.
Mount
C-Mount
Control
Iris
Manual
Filter Size
M37.5 P=0.5mm
Focus
Manual
Dimensions
φ39.5mm×52.0mm
Operating Temperature
-10℃ ‐ +50℃
Weight
133g
Angle of View
D
IMX990 (SXGA)
37.9°
IMX991 (VGA)
19.5°
2/3 Type
49.3°
H
6.40mm x 5.12mm
30.0°
3.20mm x 2.56mm
15.2°
8.80mm x 6.60mm
40.4°
V
(φ8.20mm)
24.2°
(φ4.10mm)
12.2°
(φ11mm)
30.9°
Dimensions
FOCUS RING
IRIS RING
(FILTER SCREW)
M37.5x0.5
φ
24.
6
3.8
17.526(IN AIR)
52(∞)
5.3
Specification is subject to change without any notice.
2021.04


Similar Part No. - M1218-APVSW

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
M1218-APVSW 2 COMPUTAR-M1218-APVSW 2 Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
M1218-APVSW 2 COMPUTAR-M1218-APVSW 2  Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
More results

Similar Description - M1218-APVSW

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H1A424M167 HYNIX-H1A424M167 Datasheet
374Kb / 47P
Image Signal Processor for Hyundai CMOS Image Sensor
logo
KODENSHI_AUK CORP.
KVS-1001 KODENSHI-KVS-1001 Datasheet
46Kb / 2P
Visible Light Sensor
KVS-2023 KODENSHI-KVS-2023 Datasheet
134Kb / 2P
Visible Light Sensor
KVS-3023 KODENSHI-KVS-3023 Datasheet
130Kb / 2P
Visible Light Sensor
KOE1007 KODENSHI-KOE1007 Datasheet
163Kb / 3P
Visible Light Sensor
KVS5032 KODENSHI-KVS5032 Datasheet
446Kb / 2P
Visible Light Sensor
logo
List of Unclassifed Man...
GVBL-T12GD ETC-GVBL-T12GD Datasheet
225Kb / 1P
UV / Visible Sensor
GVGR-S11SD ETC-GVGR-S11SD Datasheet
248Kb / 1P
UV / Visible Sensor
GVGR-T10GD ETC-GVGR-T10GD Datasheet
180Kb / 1P
UV / Visible Sensor
logo
Hamamatsu Corporation
C11165-01 HAMAMATSU-C11165-01_15 Datasheet
355Kb / 8P
For CCD image sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com