Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2514-SW Datasheet(PDF) 1 Page - CBC Group. CBC AMERICA LLC.

Part # M2514-SW
Description  f=25mm F/1.4 for 2/3 type SWIR (800nm~1700nm) Cameras C-Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

M2514-SW Datasheet(HTML) 1 Page - CBC Group. CBC AMERICA LLC.

  M2514-SW Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M2514-SW
f=25mm F/1.4
for 2/3 type SWIR (800nm~1700nm) Cameras
C-Mount
Model No.
M2514-SW
Effective
φ17.8mm
Focal Length
25mm
Lens Aperture
φ12.0mm
Max. Aperture Ratio
1:1.4
Distortion
-0.5% (y=5.5)
Max. Image Circle
φ12.3mm
-0.2% (y=4.0)
Operation Range
Iris
F1.4 ‐ F16C
Back Focal Length
13.4mm
Focus
0.3m ‐ Inf.
Flange Back Length
17.526mm
Control
Iris
Manual
Mount
C-Mount
Focus
Manual
Filter Size
M30.5 P=0.5mm
Object Dimension
2/3 type
10.5cm x 7.8cm
Dimensions
at M.O.D
1/2 type
7.6cm x 5.7cm
Weight
71.2g
Angle of View
D
2/3 type
1/2 type
H
H8.80mm x V6.60mm
H6.40mm x V4.80mm
V
Angle of View
D
640 x 512
320 x 256
320 x 256
( InGaAs Detector)
H
(Pixel Pitch : 15μm)
(Pixel Pitch : 25μm)
(Pixel Pitch : 20μm)
V
H9.60mm x V7.68mm
H8.00mm x V6.40mm
H6.40mm x V5.12mm
Operating Temperature
Dimensions
18.5°
14.5°
11.6°
14.9°
27.6°
21.6°
17.3°
18.1°
14.5°
10.9°
23.0°
18.1°
14.5°
-10℃ ‐ +50℃
φ33.5mm x 36mm
M.O.D : Minimum Object Distance
Front
Rear
2/3type
1/2type
24.7°
19.8°
(IN AIR)
12
7.4
17.526
4
9.3
3.3
(4)
(1.1)
36
M30.5 P=0.5
1-32UN F
Inde x Ring
Iris Ring
Fo cus Ring
Specification is subject to change without any notice.
2015.02


Similar Part No. - M2514-SW

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
M2514-MP2 COMPUTAR-M2514-MP2 Datasheet
628Kb / 1P
f=25mm F/1.4 for 2/3 type Megapixel Cameras C-Mount
2008.05
M2514-VSW COMPUTAR-M2514-VSW Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
M2514-VSW COMPUTAR-M2514-VSW Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
More results

Similar Description - M2514-SW

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6800 POMONA-6800 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
logo
Vitesse Semiconductor C...
SD799-3 VITESSE-SD799-3 Datasheet
40Kb / 1P
ADAPTER, F-F, C
logo
Winchester Electronics ...
SD799-3 WINCHESTER-SD799-3 Datasheet
40Kb / 1P
ADAPTER, F-F, C
logo
PANDUIT CORP.
F2X3IB6 PANDUIT-F2X3IB6 Datasheet
72Kb / 1P
WIRING DUCT - TYPE F WITH COVER 2 X 3
logo
HARTING Technology Grou...
09-10-003-3301 HARTING-09-10-003-3301 Datasheet
493Kb / 3P
Han 1A-3PE-c-f latch
09-10-003-3306 HARTING-09-10-003-3306 Datasheet
493Kb / 3P
Han 1A-3PE-c-f Inserts
09-12-006-3141 HARTING-09-12-006-3141 Datasheet
512Kb / 2P
Han Q 4/2 F-c Inserts
09-15-003-3101 HARTING-09-15-003-3101 Datasheet
451Kb / 2P
Han 3 Quintax-F-c Inserts
09-10-003-3106 HARTING-09-10-003-3106 Datasheet
500Kb / 3P
Han 1A-3PE-c-f shielded
2021-10-01
09-16-075-2101 HARTING-09-16-075-2101 Datasheet
495Kb / 2P
Han 75DDD F-c
2021-10-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com