Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLM-3XMP Datasheet(PDF) 1 Page - CBC Group. CBC AMERICA LLC.

Part # MLM-3XMP
Description  0.3X - 1.0X for 2/3 type Cameras, Megapixel Macro Zoom C-Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

MLM-3XMP Datasheet(HTML) 1 Page - CBC Group. CBC AMERICA LLC.

  MLM-3XMP Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subjected to change without any notice.
2004.5
C
2/3
type
Zoom Ring
Focus Ring
Iris Ring
M34 P 0.5
1-32UNF
(16.8)
(79.5)
89.9
(AT 1x)
(IN AIR)
17.526
4.8
13.2
25.2
14.7
‡15.5
11
4
2.8
0.3X - 1.0X
for 2/3 type Cameras, Megapixel Macro Zoom
C-Mount
MLM-3XMP
Model No.
MLM-3XMP
Effective
Front
‡15.5mm
Max. Magnification
0.3X - 1.0X
Lens Aperture
Rear
‡7.0mm
Max. Aperture Ratio
1:4.5
Back Focal Length
20.4mm
Max. Image Format
8.8mm x 6.6mm(
‡11mm)
Distortion
2/3 type
0.3X Tele
0.02%(y 5.5)
Operation Range
Iris
F4.5 - F22C
1.0X Wide
1.78%(y 5.5)
Focus
90mm
1/2 type
0.3X Tele
0.12%(y 4.0)
Control
Iris
Manual
1.0X Wide
0.77%(y 4.0)
Focus
Manual
Flange Back Length
17.526mm
Zoom
Manual
Mount
C-Mount
Filter Size
M34 P 0.5mm
Dimensions
‡36.5mm x 79.5mm
Weight
150g
Object Dimension
D2/3 type
36.7mm - 10.8mm
1/2 type
26.7mm - 10.8mm
H
29.4mm - 8.7mm
21.4mm - 6.4mm
at M.O.D.
V
22.1mm - 6.6mm
16.1mm - 4.8mm
Angle of View
D
2/3 type
14.88
g - 2.84g
1/2 type
10.70
g - 2.72g
H
11.80
g - 2.78g
8.48
g - 2.18g
V
8.74
g - 2.24g
6.38
g - 1.64g
Operating Temperature
20
gC - 50gC
* For CS-Mount camera, please use 5mm adapter ring.
* M.O.D. : Minimum Object Distance
Dimensions


Similar Part No. - MLM-3XMP

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MLM-350 MICRO-ELECTRONICS-MLM-350 Datasheet
133Kb / 1P
Visible LED Full Color Series (3 Chips in 1 Package)
MLM-350CB/CG MICRO-ELECTRONICS-MLM-350CB/CG Datasheet
133Kb / 1P
Visible LED Full Color Series (3 Chips in 1 Package)
MLM-350CBS MICRO-ELECTRONICS-MLM-350CBS Datasheet
133Kb / 1P
Visible LED Full Color Series (3 Chips in 1 Package)
MLM-350FC MICRO-ELECTRONICS-MLM-350FC Datasheet
133Kb / 1P
Visible LED Full Color Series (3 Chips in 1 Package)
MLM-350FCH MICRO-ELECTRONICS-MLM-350FCH Datasheet
133Kb / 1P
Visible LED Full Color Series (3 Chips in 1 Package)
More results

Similar Description - MLM-3XMP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX082AL SONY-ICX082AL Datasheet
232Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX083AL SONY-ICX083AL Datasheet
233Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX422AL SONY-ICX422AL Datasheet
161Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Cameras
ICX423AL SONY-ICX423AL Datasheet
161Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Cameras
logo
Micron Technology
MT9T031 MICRON-MT9T031 Datasheet
446Kb / 2P
3-Megapixel CMOS Digital Image Sensor for Wide FOV and Electronic Pan/Tilt Cameras
logo
Level One
FCS-5065 LVL1-FCS-5065 Datasheet
646Kb / 4P
Zoom Network Camera, 5-Megapixel
FCS-5044 LVL1-FCS-5044 Datasheet
152Kb / 4P
PTZ Network Camera, 2-Megapixel, 10x Optical Zoom, 802.3at PoE, Day & Night, WDR, Outdoor
logo
Pulse A Technitrol Comp...
E8110-032-01 PULSE-E8110-032-01 Datasheet
98Kb / 1P
USB 3.0 MACRO BF SMD TYPE
logo
Level One
FCS-1150 LVL1-FCS-1150_18 Datasheet
494Kb / 4P
Zoom IP Network Camera, 3-Megapixel
FCS-1160 LVL1-FCS-1160_18 Datasheet
494Kb / 4P
Zoom IP Network Camera, 5-Megapixel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com