Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-A1T Datasheet(PDF) 13 Page - STMicroelectronics

Part # LRI64-A1T
Description  Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A1T Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LRI64-A1T Datasheet HTML 9Page - STMicroelectronics LRI64-A1T Datasheet HTML 10Page - STMicroelectronics LRI64-A1T Datasheet HTML 11Page - STMicroelectronics LRI64-A1T Datasheet HTML 12Page - STMicroelectronics LRI64-A1T Datasheet HTML 13Page - STMicroelectronics LRI64-A1T Datasheet HTML 14Page - STMicroelectronics LRI64-A1T Datasheet HTML 15Page - STMicroelectronics LRI64-A1T Datasheet HTML 16Page - STMicroelectronics LRI64-A1T Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
LRI64
VCD to LRI64 frames
13/52
7
VCD to LRI64 frames
Request frames are delimited by a start of frame (SOF) and an end of frame (EOF) and are
implemented using a code violation mechanism. Unused options are reserved for future
use.
The LRI64 is ready to receive a new command frame from the VCD after a delay of t2 (see
Table 14) after having sent a response frame to the VCD.
The LRI64 generates a power-on delay of tPOR (see Table 14) after being activated by the
powering field. After this delay, the LRI64 is ready to receive a command frame from the
VCD.
In ISO 15693 and ISO 18000-3 Mode 1 standards, the SOF is used to define the data
coding mode that the VCD is going to use in the following command frame.
The SOF that is shown in Figure 7 selects the “1-out-of-4” data coding mode. (The LRI64
does not support the SOF for the “1-out-of-256” data coding mode.)
The corresponding EOF sequence is shown in Figure 8.
Figure 7.
Request SOF, using the “1-out-of-4” data coding mode
Figure 8.
Request EOF
AI06660
37.76 µs
9.44 µs
9.44 µs
37.76 µs
9.44 µs
AI06662
9.44 µs
37.76 µs
9.44 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com