Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-A7T Datasheet(PDF) 46 Page - STMicroelectronics

Part # LRI64-A7T
Description  Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A7T Datasheet(HTML) 46 Page - STMicroelectronics

Back Button LRI64-A7T Datasheet HTML 42Page - STMicroelectronics LRI64-A7T Datasheet HTML 43Page - STMicroelectronics LRI64-A7T Datasheet HTML 44Page - STMicroelectronics LRI64-A7T Datasheet HTML 45Page - STMicroelectronics LRI64-A7T Datasheet HTML 46Page - STMicroelectronics LRI64-A7T Datasheet HTML 47Page - STMicroelectronics LRI64-A7T Datasheet HTML 48Page - STMicroelectronics LRI64-A7T Datasheet HTML 49Page - STMicroelectronics LRI64-A7T Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
Part numbering
LRI64
46/52
22
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Table 19.
Ordering information scheme
Example:
LRI64
–
W4
/XXX
Device type
LRI64
Package
W4 =180 µm ± 15 µm unsawn wafer, 18.5 pF tuning capacitor
SBN18 = 180 µm ± 15 µm bumped and sawn wafer on 8-inch frame
A1T = 45 mm × 76 mm copper antenna on continuous tape
A1S = 45 mm × 76 mm copper singulated adhesive antenna on tape
A6S2U = 35 mm copper singulated adhesive CD antenna on white PET tape and no
marking
A7T = 20 mm × 40 mm copper antenna on continuous tape
MBTG = UDFDFPN8 (MLP8), tape & reel packing, ECOPACK® and RoHS
compliant, Sb2O3-free and TBBA-free(1)
1.
The category of second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are
also marked on the inner box label.
Customer code
XXX = Given by STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com