Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC266 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC266
Description  HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN HC7266 QUAD EXCLUSIVE NOR GATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC266 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC266 Datasheet HTML 1Page - STMicroelectronics M54HC266 Datasheet HTML 2Page - STMicroelectronics M54HC266 Datasheet HTML 3Page - STMicroelectronics M54HC266 Datasheet HTML 4Page - STMicroelectronics M54HC266 Datasheet HTML 5Page - STMicroelectronics M54HC266 Datasheet HTML 6Page - STMicroelectronics M54HC266 Datasheet HTML 7Page - STMicroelectronics M54HC266 Datasheet HTML 8Page - STMicroelectronics M54HC266 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
INPUT AND OUTPUT EQUIVALENT CIRCUIT
(HC266)
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1, 5, 8, 12
1A to 4A
Data Inputs
2, 6, 9, 13
1B to 4B
Data Inputs
3, 4, 10, 11
1Y to 4Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
TRUTH TABLE
AB
Y
7266
266
LL
H
Z
LHL
L
H
LLL
HHH
Z
Z: High Impedance
INPUT AND OUTPUT EQUIVALENT CIRCUIT
(HC7266)
IEC LOGIC SYMBOLS
HC7266
HC266
M54/M74HC266/7266
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com