Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT17F16A Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT17F16A
Description  FPGA Configuration Flash Memory
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17F16A Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT17F16A Datasheet HTML 7Page - ATMEL Corporation AT17F16A Datasheet HTML 8Page - ATMEL Corporation AT17F16A Datasheet HTML 9Page - ATMEL Corporation AT17F16A Datasheet HTML 10Page - ATMEL Corporation AT17F16A Datasheet HTML 11Page - ATMEL Corporation AT17F16A Datasheet HTML 12Page - ATMEL Corporation AT17F16A Datasheet HTML 13Page - ATMEL Corporation AT17F16A Datasheet HTML 14Page - ATMEL Corporation AT17F16A Datasheet HTML 15Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
3474E–CNFG–2/08
AT17F16A
Notes:
1. AC test lead = 50 pF.
2. Float delays are measured with 5 pF AC loads. Transition is measured ± 200 mV from steady-state active levels.
Note:
1. Airflow = 0 ft/min.
16.1
AC Characteristics When Cascading
Symbol
Description
AT17F16A
Units
Min
Max
T
CDF
(3)
DCLK to Data Float Delay
Commercial
–
50
ns
Industrial
–
50
ns
T
OCK
(2)
DCLK to nCASC Delay
Commercial
–
50
ns
Industrial
–
55
ns
T
OCE
(2)
nCS to nCASC Delay
Commercial
–
35
ns
Industrial
–
40
ns
T
OOE
(2)
RESET/OE to nCASC Delay
Commercial
–
35
ns
Industrial
–
35
ns
17. Thermal Resistance Coefficients
Package Type
AT17F16A
8CN4
Leadless Array Package (LAP)
θ
JC [° C/W]
–
θ
JA [° C/W]
–
20J
Plastic Leaded Chip Carrier (PLCC)
θ
JC [° C/W]
–
θ
JA [° C/W]
(1)
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com