Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXA-SMSM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXA-SMSM
Description  ADAPTER SMA-M/SMA-M BARREL TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXA-SMSM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXA-SMSM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.31
HEX
8.0
1/4-36UNS-2B
BOTH ENDS
.22
FLATS
5.5
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
PIN
BRASS
GOLD PLATE
DIELECTRIC
PTFE
NATURAL
SHELL
BRASS
NICKEL PLATE
RETAINING RING
BRASS
NICKEL PLATE
GASKET
SI-RUBBER
ORANGE
NOTES:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: 0 ~6 GHz
INSERTION LOSS: .15 dB MAX.
VOLTAGE RATING: 500 VRMS MAX.
DIELECTRIC WITHSTANDING VOLTAGE: 1000 Vrms MIN.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
C
6
A
MAY VARY
3/1/05
B
J.C.
DIMENSIONS ARE IN INCHES [mm]
C
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
D
2
5
08/22/16
5
6
APPROVED BY
50 HIGH STREET
NORTH ANDOVER, MA
PRODUCT DESCRIPTION
A
1
B
2
4
C
D
3
1
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
3
7
1
4
DESCRIPTION
AXA-SMSM.SLDDRW
AXA-SMSM
3/1/05
P.PESA
3/1/05
REVISIONS
C
8
1
APPROVED
REV
DATE
P.PESA
INITIAL RELEASE
C
2/4/11
A
B
ECN 8456 UPDATE DRAWING
3/1/05
UNDIMENSIONED FEATURES
D.FRISIELLO
PJP
CATEGORY
B.PUCHASKI
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
ECN 5220: CREATE MODEL, NEW DRAWING FORMAT
UNLESS OTHERWISE SPECIFIED,
7
8
NONE
MAY OCCUR
CHECKED BY
FSCM NO.
43321
ADAPTER SMA-M/SMA-M BARREL TYPE
COAXIAL
PROJECTION
COLOR VARIATIONS
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
DIMENSIONAL TOLERANCES:
.X = ±.1 [2.54]
.XX = ±.01 [.25]
.XXX = ±.005 [.13]
ANGULAR TOLERANCES:
ALL = ± 1°
C
.9
23.0


Similar Part No. - AXA-SMSM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXA-SMBJSF L-COM-AXA-SMBJSF Datasheet
119Kb / 1P
ADAPTER, SMA-F/SMB-F
9/14/10
AXA-SMBPSF L-COM-AXA-SMBPSF Datasheet
121Kb / 1P
ADAPTER, SMA-F/SMB-M
9/14/10
More results

Similar Description - AXA-SMSM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SM-SM50 MINI-SM-SM50 Datasheet
49Kb / 1P
Adapter, SMA-M to SMA-M 50W DC to 18 GHz
NM-SM50+ MINI-NM-SM50+ Datasheet
135Kb / 1P
Coaxial Adapter, N-MALE to SMA-M
SM-BF50+ MINI-SM-BF50+ Datasheet
102Kb / 1P
Coaxial Adapter, SMA-M to BNC-F
logo
Pomona Electronics
4297 POMONA-4297 Datasheet
26Kb / 1P
Adapter, SMA (f) To Type ?쏯??(m)
logo
Mini-Circuits
SF-MQK50 MINI-SF-MQK50 Datasheet
215Kb / 1P
SMA-F to SMA-M
logo
Winchester Electronics ...
SD879-2-1 WINCHESTER-SD879-2-1 Datasheet
51Kb / 1P
SMA ADAPTER (M-M)
SD879-7-15 WINCHESTER-SD879-7-15 Datasheet
56Kb / 1P
ADAPTER TNC (F) TO SMA (M)
SD1209-1-15-MA9 WINCHESTER-SD1209-1-15-MA9 Datasheet
245Kb / 1P
ADAPTER, M-F N-SMA
logo
Mini-Circuits
SMPF-SM50 MINI-SMPF-SM50 Datasheet
206Kb / 2P
Adapter SMP-F to SMA-M
logo
PHOENIX CONTACT
2917324 PHOENIX-2917324 Datasheet
45Kb / 2P
Adapter - RAD-ADP-SMA/F-SMA/M-90
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com