Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA019 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA019
Description  ADAPTOR TEE 75 OHM BNC F/F/F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA019 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA019 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant 
ALL DIMENSIONS ARE FOR REFERENCE ONLY
WITH L-COM SPECIFICATION PS-0031.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
MISCELLANEOUS:
E
NOTES:
ELECTRICAL:
NOMINAL CHARACTERISTIC IMPEDANCE: 75 OHMS
MATERIAL:
BODY: BRASS
DIELECTRIC: ACETAL
CENTER CONTACT: BRASS
FERRULE: BRASS
FINISH:
BODY: NICKEL PLATED
CENTER CONTACT: GOLD PLATED
FERRULE: NICKEL PLATED
E
1.28
32.5
COLOR VARIATIONS
CATEGORY
DIMENSIONS ARE IN INCHES [mm]
8
NORTH ANDOVER, MA
MAY VARY
FSCM NO.
43321
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
COAXIAL
E
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
D.FRISIELLO
5
6
BA019.SLDDRW
7
BA019
D.PARHAM
ENG
11/01/01
11/01/01
REVISIONS
APPROVED
ECN 6546: REVISED MODEL AND DIMENSIONS
DATE
1
1
DESCRIPTION
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
REV
11/28/12
E
11/01/01
PRODUCT DESCRIPTION
UNDIMENSIONED FEATURES
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
NONE
UNLESS OTHERWISE SPECIFIED,
ADAPTOR TEE 75 OHM BNC F/F/F
PROJECTION
MAY OCCUR
MCCORMICK
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
.91
23.0


Similar Part No. - BA019

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BA01202 MITSUBISHI-BA01202 Datasheet
49Kb / 1P
GaAs HBT HYBRID IC(N-CDMA hand set)
BA01203 MITSUBISHI-BA01203 Datasheet
56Kb / 1P
GaAs HBT HYBRID IC(CDMA/AMPS handheld-phone)
BA01207 MITSUBISHI-BA01207 Datasheet
27Kb / 1P
GaAs HBT HYBRID IC
BA01232 MITSUBISHI-BA01232 Datasheet
19Kb / 1P
The BA01232 is GaAs RF amplifier designed for W-CDMA hand-held phone
BA01303 MITSUBISHI-BA01303 Datasheet
88Kb / 3P
Triple Band(EGSM900/DCS1800/PCS1900) InGaP HBT Front-end module
More results

Similar Description - BA019

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6737 POMONA-6737 Datasheet
217Kb / 1P
75 廓 BNC Adapters BNC (F/F), BNC (F/F/F)-T, BNC (F/M/F)-T, BNC (M/M)
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD2029-9-9 WINCHESTER-SD2029-9-9 Datasheet
47Kb / 1P
ADAPTER, F-F, BULKHEAD, 75 BNC
SD2029-15-9 WINCHESTER-SD2029-15-9 Datasheet
48Kb / 1P
ADPT, F-F, 75 BNC-75 BNC
SD2029-16-9 WINCHESTER-SD2029-16-9 Datasheet
43Kb / 1P
ADAPTER, F-M-F, 75 BNC-75 BNC
SDKC-99-20 WINCHESTER-SDKC-99-20 Datasheet
36Kb / 1P
ADAPTER, BNC TEE, F-F-F
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com