Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA120 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA120
Description  F PLUG TO BNC JACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA120 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA120 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.10 27.9
"F" PLUG
BNC JACK
.438 11.1
RoHS Compliant 
NOTES:
MATERIAL:
BODY: BRASS
DIELETRIC: DELRIN
CONTACT: BRASS
COUPLING NUT: BRASS
FINISH:
BODY: NICKEL
CONTACT: GOLD
COUPLING NUT: NICKEL
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA120
B
BA120.SLDDRW
1
1
MCCORMICK
01/04/02
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
D.PARHAM
R.CARRICK
01/04/02
01/04/02
01/04/02
A
B
RELEASED FOR PRODUCTION
ECN 3119: UPDATE DWG FORMAT
12/18/07
MCCORMICK
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
F PLUG TO BNC JACK
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BA120

ManufacturerPart #DatasheetDescription
logo
Rohm
BA12001B ROHM-BA12001B Datasheet
58Kb / 6P
High voltage, high current Darlington transistor array
BA12001B ROHM-BA12001B Datasheet
115Kb / 7P
High voltage, high current Darlington transistor array
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
High voltage, high current Darlington transistor array
logo
List of Unclassifed Man...
BA12003 ETC2-BA12003 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Rohm
BA12003B ROHM-BA12003B Datasheet
58Kb / 6P
High voltage, high current Darlington transistor array
More results

Similar Description - BA120

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
APH-BNCJ-HDBNCP AMPHENOL-APH-BNCJ-HDBNCP Datasheet
150Kb / 1P
HD BNC PLUG TO BNC JACK 75 OHM ADAPTER
APH-BNCP-HDBNCJ AMPHENOL-APH-BNCP-HDBNCJ Datasheet
125Kb / 1P
BNC PLUG TO HD-BNC JACK,75 OHM ADAPTER
APH-BNCJ-HDBNCP_1010 AMPHENOL-APH-BNCJ-HDBNCP_1010 Datasheet
129Kb / 1P
HD-BNC PLUG TO BNC JACK 75 OHM ADAPTER
APH-BNCP-HDBNCJ_1010 AMPHENOL-APH-BNCP-HDBNCJ_1010 Datasheet
116Kb / 1P
BNC PLUG TO HD-BNC JACK, 75 OHM ADAPTER
logo
Winchester Electronics ...
KC-39-103 WINCHESTER-KC-39-103 Datasheet
52Kb / 1P
JACK, BNC,F
logo
Amphenol Corporation
242154 AMPHENOL-242154 Datasheet
54Kb / 1P
BNC PLUG TO F JACK ADAPTER
242159 AMPHENOL-242159 Datasheet
33Kb / 1P
BNC JACK TO F PLUG ADAPTER
242160 AMPHENOL-242160 Datasheet
34Kb / 1P
BNC PLUG TO F PLUG ADAPTER
logo
Bel Fuse Inc.
VA229 BEL-VA229 Datasheet
861Kb / 1P
BNC Plug to Euro Jack
VA234 BEL-VA234 Datasheet
788Kb / 1P
Euro Plug to BNC Jack Adaptor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com