Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC283 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HC283
Description  4 BIT BINARY FULL ADDER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC283 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC283 Datasheet HTML 1Page - STMicroelectronics M74HC283 Datasheet HTML 2Page - STMicroelectronics M74HC283 Datasheet HTML 3Page - STMicroelectronics M74HC283 Datasheet HTML 4Page - STMicroelectronics M74HC283 Datasheet HTML 5Page - STMicroelectronics M74HC283 Datasheet HTML 6Page - STMicroelectronics M74HC283 Datasheet HTML 7Page - STMicroelectronics M74HC283 Datasheet HTML 8Page - STMicroelectronics M74HC283 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH
tPHL
Propagation
Delay Time
(An, Bn -
Σn)
2.0
95
210
265
315
ns
4.5
27
42
53
63
6.0
22
36
45
54
tPLH
tPHL
Propagation
Delay Time
(An, Bn - C4)
2.0
80
195
245
295
ns
4.5
25
39
49
59
6.0
20
33
42
50
tPLH
tPHL
Propagation
Delay Time
(C0 -
Σn)
2.0
60
150
190
225
ns
4.5
20
30
38
45
6.0
17
26
32
38
tPLH
tPHL
Propagation
Delay Time
(C0 - C4)
2.0
60
150
190
225
ns
4.5
20
30
38
45
6.0
17
26
32
38
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
126
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
TEST CIRCUIT ICC (Opr.)
SWITCHING CHARACTERISTICS
TEST WAVEFORM
INPUT WAVEFORM IS THE SAME AS THAT IN CASE OF
SWITCHING CHARACTERISTICS TEST.
M54/M74HC283
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com