Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA21 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA21
Description  SMA JACK BULKHEAD ADAPTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA21 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA21 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.07
1.8
.328
.300
06/13/01
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA21
D
BA21.SLDDRW
11
D.PARHAM
07/02/01
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
ENG
07/02/01
07/02/01
A
B
RELEASED FOR PRODUCTION
REVISED; ADDED THREAD CALLOUT AND PANEL OPENING
03/25/02
MCCORMICK
MCCORMICK
C
ECN 3124: UPDATE DWG FORMAT
12/19/07
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
D
ECN 5950: REVISED PER VENDOR SPECIFICATIONS, NEW FORMAT
2/1/12
D.FRISIELLO
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
SMA JACK BULKHEAD ADAPTOR
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
REF
MCCORMICK
UNDIMENSIONED FEATURES
MAY OCCUR
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
RoHS Compliant 
IN ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
MISCELLANEOUS:
INSERTION LOSS: .15dB MAX.
DIELECTRIC WITHSTANDING VOLTAGE: 1000V RMS
VOLTAGE RATING: 500 VOLTS PEAK
FREQUENCY RANGE: DC ~ 6 GHz
IMPEDANCE: 50 OHMS
ELECTRICAL:
NOTES:
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
DIELECTRIC
TEFLON
-
CENTER CONTACT
BRASS
GOLD PLATE
LOCK WASHER
BRASS
NICKEL PLATE
NUT
BRASS
NICKEL PLATE
WATERPROOF SEAL
RUBBER
-
5/16-32 UNEF-2A
2X SMA JACK
THREAD
1/4-36 UNS-2A
THREAD
.09
2.3
2.1
.08
0.5
.02
22.3
.88
6
.24
.31
8
2X GOLD PLATED
CENTER CONTACT
.49
12.5
WASHER
POCKET
SEAL
INTERNAL TOOTH
NUT
RECOMMENDED
PANEL OPENING


Similar Part No. - BA21

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2107G ROHM-BA2107G Datasheet
1Mb / 29P
Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G Datasheet
2Mb / 35P
Low Noise Operational Amplifiers
BA2107G-TR ROHM-BA2107G-TR Datasheet
1Mb / 29P
Low Noise Operational Amplifiers
BA2107G-TR ROHM-BA2107G-TR Datasheet
1Mb / 29P
Low Noise Operational Amplifiers
BA2107G-TR ROHM-BA2107G-TR Datasheet
2Mb / 35P
Low Noise Operational Amplifiers
More results

Similar Description - BA21

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD872-36-3 WINCHESTER-SD872-36-3 Datasheet
74Kb / 1P
JACK, BULKHEAD, SMA
SD872-57-3 WINCHESTER-SD872-57-3 Datasheet
67Kb / 1P
JACK, BULKHEAD, SMA
logo
Rosenberger Hochfrequen...
64K501-K00B1 ROSENBERGER-64K501-K00B1 Datasheet
233Kb / 2P
Adaptor Bulkhead Jack - Jack
32K607-302L5 ROSENBERGER-32K607-302L5 Datasheet
225Kb / 2P
SMA BULKHEAD JACK
32K607-303L5 ROSENBERGER-32K607-303L5 Datasheet
225Kb / 2P
SMA BULKHEAD JACK
32K601-271L5 ROSENBERGER-32K601-271L5 Datasheet
286Kb / 2P
SMA BULKHEAD JACK
32K601-272L5 ROSENBERGER-32K601-272L5 Datasheet
350Kb / 2P
SMA BULKHEAD JACK
32K103-5H0L5 ROSENBERGER-32K103-5H0L5 Datasheet
220Kb / 2P
SMA BULKHEAD JACK
logo
Amphenol RF.
132170-12-EE RF-132170-12-EE Datasheet
139Kb / 1P
IP-68 SMA JACK TO SMA JACK BULKHEAD ADAPTOR EXTREME EXPOSURE
Rev. A
132170-12-BC RF-132170-12-BC Datasheet
132Kb / 1P
IP-68 SMA JACK TO SMA JACK BULKHEAD ADAPTOR EXTREME EXPOSURE
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com