Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA280 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA280
Description  UHF PLUG TO UHF PLUG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA280 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA280 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.26 [32]
SPECIFICATIONS;
MATERIALS;
SHELL: BRASS
CONTACTS: BRASS
INSULATOR: DELRIN
FINISH;
SHELL: NICKEL PLATE
CONTACT: NICKEL PLATE
2X UHF PLUG
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA280
C
BA280.SLDDRW
1
1
MCCORMICK
12/03/01
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
D.PARHAM
R.CARRICK
12/03/01
12/03/01
12/17/01
A
B
RELEASED FOR PRODUCTION
ECN 1501: REVISED DIM
9/16/03
MCCORMICK
MCCORMICK
C
ECN 3128: UPDATE DWG FORMAT
12/27/07
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
.
.
.
.
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
UHF PLUG TO UHF PLUG
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BA280

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA28 L-COM-BA28 Datasheet
122Kb / 1P
SMA PLUG TO BNC PLUG
logo
Vishay Siliconix
BA282 VISHAY-BA282 Datasheet
34Kb / 3P
Silicon Planar Diodes
01-Apr-99
BA282 VISHAY-BA282 Datasheet
114Kb / 4P
Band Switching Diodes
05-Dec-07
logo
SHENZHEN YONGERJIA INDU...
BA282 WINNERJOIN-BA282 Datasheet
90Kb / 2P
Band switching diode
logo
Vishay Siliconix
BA282 VISHAY-BA282_08 Datasheet
114Kb / 4P
Band Switching Diodes
05-Dec-07
More results

Similar Description - BA280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPL-259-1 ETC2-CPL-259-1 Datasheet
103Kb / 2P
UHF Straight Crimp Type Plug -Crimp Contact
logo
Pomona Electronics
73047 POMONA-73047 Datasheet
106Kb / 1P
N Type Jack to UHF Plug Adapter
logo
Pasternack Enterprises,...
PE9094 PASTERNACK-PE9094 Datasheet
243Kb / 3P
UHF Female to UHF Female Adapter
PE9096 PASTERNACK-PE9096 Datasheet
246Kb / 3P
UHF Male to UHF Male Adapter
PE9701 PASTERNACK-PE9701 Datasheet
77Kb / 1P
FME PLUG TO UHF MALE
PE9705 PASTERNACK-PE9705 Datasheet
242Kb / 2P
Mini UHF Male to FME Plug Adapter
PE9706 PASTERNACK-PE9706 Datasheet
74Kb / 1P
FME PLUG TO MINI UHF MALE RITGT ANGLE
PE3010 PASTERNACK-PE3010 Datasheet
134Kb / 1P
CABLE ASSEMBLY RG58C/U UHF MALE TO DOUBLE BANANA PLUG
logo
Rosenberger Hochfrequen...
51S154-K00N5 ROSENBERGER-51S154-K00N5 Datasheet
45Kb / 2P
ADAPTOR BNC PLUG ??UHF JACK
logo
Pasternack Enterprises,...
PE34244 PASTERNACK-PE34244 Datasheet
110Kb / 1P
CABLE ASSEMBLY, RG223/U, UHF MALE TO DOUBLE BANANA PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com