Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA45 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA45
Description  BNC 50-OHM TERMINATED "TEE" ADAPTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA45 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA45 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.157 29.39
BNC PLUG
1.280 32.51
2X BNC JACK
RoHS Compliant 
NOTES:
MATERIAL:
BODY: ZINC ALLOY DIE CASTING
DIELECTRIC: ACETAL
CENTER PINS: BRASS
FINISH:
BODY: NICKEL
CENTER PINS: GOLD
MISCELLANEOUS:
BNC PLUGS MUST BE INSTALLED ON BOTH JACKS TO
DISCONNECT 50-OHM 1/4-WATT TERMINATING RESISTOR
BETWEEN OUTER SHELL AND CENTER CONDUCTOR. FOR
SIGNAL LEVEL ENERGY ONLY.
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA45
C
BA45.SLDDRW
1
1
DFP
5/28/02
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
CM
5/28/02
5/31/02
A
B
RELEASED FOR PRODUCTION
ECN 3129: UPDATE DWG FORMAT
12/21/07
TJC
D.GRIFFIN
C
ECN 4111: REVISE LENGTH TO 1.157. MAKE ALL DIMS REF.
7/7/09
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
BNC 50-OHM TERMINATED "TEE" ADAPTER
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
REF
TJC
COLOR VARIATIONS
MAY OCCUR
5/15/02
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - BA45

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA45-75 L-COM-BA45-75 Datasheet
113Kb / 1P
BNC 75-OHM TERMINATED "TEE" ADAPTER
5/15/02
logo
Rohm
BA4510 ROHM-BA4510 Datasheet
43Kb / 4P
Dual high slew rate operational amplifier
BA4510F ROHM-BA4510F Datasheet
43Kb / 4P
Dual high slew rate operational amplifier
BA4510F ROHM-BA4510F Datasheet
864Kb / 34P
Operational Amplifiers: Low Noise
BA4510F ROHM-BA4510F Datasheet
1Mb / 49P
Low Noise Operational Amplifiers
More results

Similar Description - BA45

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SDKC-99-20 WINCHESTER-SDKC-99-20 Datasheet
36Kb / 1P
ADAPTER, BNC TEE, F-F-F
logo
Pasternack Enterprises,...
PE9001 PASTERNACK-PE9001 Datasheet
246Kb / 3P
BNC Tee Adapter Female-Male-Female
PE9003 PASTERNACK-PE9003 Datasheet
244Kb / 3P
BNC Tee Adapter Female-Female-Female
PE9174 PASTERNACK-PE9174 Datasheet
248Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9279 PASTERNACK-PE9279 Datasheet
252Kb / 3P
BNC Twinax Tee Adapter Jack-Jack-Jack
PE9365 PASTERNACK-PE9365 Datasheet
239Kb / 2P
75 Ohm BNC Tee Adapter Female-Male-Female
PE9375 PASTERNACK-PE9375 Datasheet
258Kb / 3P
BNC Twinax Tee Adapter Jack-Plug-Jack
PE9484 PASTERNACK-PE9484 Datasheet
253Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE91106 PASTERNACK-PE91106 Datasheet
434Kb / 4P
BNC Triax Tee Adapter Male-Female-Female
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com