Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA60 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA60
Description  ADAPTOR BNC M/UHF F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA60 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA60 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
BNC MALE
UHF FEMALE
1.31
33.4
5/8-24 UNEF
E
NOTES:
PACKAGING: COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPEC PS-0031
MATERIAL: BODY: BRASS
INSULATOR: DELRIN
CONTACT: BRASS
FINISH: BODY: NICKEL PLATED
CONTACTS: GOLD PLATED OVER NICKEL UNDERPLATING
IMPEDANCE: 50 OHM
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA60
E
1
1
12/04/2001
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
12/04/2001
06/23/2022
E
ECN 11908 UPDATE DRAWING
SRAUTUS
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
ADAPTOR BNC M/UHF F
COAXIAL
UNLESS OTHERWISE SPECIFIED,
MCCORMICK
COLOR VARIATIONS
MAY OCCUR
12/04/2001
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: BA60.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X = .2 [5]
.XX = .02 [.5]
.XXX = .005 [.13]


Similar Part No. - BA60

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BA601N BENCENT-BA601N Datasheet
260Kb / 3P
Low Capacitance and Insertion Loss
logo
Vishay Siliconix
BA604 VISHAY-BA604 Datasheet
43Kb / 3P
Silicon Planar Diode
01-Apr-99
BA604 VISHAY-BA604 Datasheet
53Kb / 3P
Small Signal Switching Diode
01-Sep-10
logo
SUNMATE electronic Co.,...
BA604 SUNMATE-BA604 Datasheet
758Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604 Datasheet
66Kb / 3P
Small Signal Switching Diode
31-Jul-12
More results

Similar Description - BA60

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6737 POMONA-6737 Datasheet
217Kb / 1P
75 廓 BNC Adapters BNC (F/F), BNC (F/F/F)-T, BNC (F/M/F)-T, BNC (M/M)
6735 POMONA-6735 Datasheet
175Kb / 1P
BNC (M), BNC (F) Panel
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD2029-16-9 WINCHESTER-SD2029-16-9 Datasheet
43Kb / 1P
ADAPTER, F-M-F, 75 BNC-75 BNC
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
logo
Rosenberger Hochfrequen...
51S154-K00N5 ROSENBERGER-51S154-K00N5 Datasheet
45Kb / 2P
ADAPTOR BNC PLUG ??UHF JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com