Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA71 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA71
Description  ADAPTER, TNC-F/BNC-M
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA71 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA71 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LC LG Rev-D5 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
1.22
31.0
.59
15.0
.57
14.5
7/16-28 UNEF-2A
BNC MALE
TNC FEMALE
NOTES:
ELECTRICAL:
1.
FREQUENCY RANGE: DC TO 3.5 GHz.
MISCELLANEOUS:
2.
IMPEDANCE: 50 OHM.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
3.
ADAPTER SHALL BE INDIVIDUALLY PACKAGED IN
4.
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION).
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
CONTACTS
BRASS
GOLD PLATE
RETAINING NUT
ZINC ALLOY
NICKEL PLATE
INSULATOR
ACETAL
-
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
C
ECO-14591
05/30/2025
KGLEBOVA
DWANG
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
BA71
C
ADAPTER, TNC-F/BNC-M
C.BURUBE
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.


Similar Part No. - BA71

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
SECAM chroma signal processor for VHS VCRs
BA7107F ROHM-BA7107F Datasheet
349Kb / 6P
SECAM chroma signal processor for VHS VCRs
BA7107S ROHM-BA7107S Datasheet
349Kb / 6P
SECAM chroma signal processor for VHS VCRs
BA7149 ROHM-BA7149 Datasheet
83Kb / 7P
Electronic viewfinder driver
BA7149F ROHM-BA7149F Datasheet
83Kb / 7P
Electronic viewfinder driver
More results

Similar Description - BA71

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD759-6 VITESSE-SD759-6 Datasheet
46Kb / 1P
ADAPTER, TNC-BNC,F-F
SD799-1 VITESSE-SD799-1 Datasheet
64Kb / 1P
ADAPTER C(M)-BNC(F)
logo
Winchester Electronics ...
SD759-6 WINCHESTER-SD759-6 Datasheet
46Kb / 1P
ADAPTER, TNC-BNC, F-F
SD799-1 WINCHESTER-SD799-1 Datasheet
64Kb / 1P
ADAPTER C(M)-BNC(F)
SD2029-16-9 WINCHESTER-SD2029-16-9 Datasheet
43Kb / 1P
ADAPTER, F-M-F, 75 BNC-75 BNC
SDKA-91-16 WINCHESTER-SDKA-91-16 Datasheet
82Kb / 1P
TNC (F-M-F) T ADAPTER
7410-1 WINCHESTER-7410-1 Datasheet
42Kb / 1P
ADAPTER, M-F, PATCH-BNC
KA-91-11 WINCHESTER-KA-91-11 Datasheet
42Kb / 1P
ADPT, M-F, TNC-BNC
KA-91-15 WINCHESTER-KA-91-15 Datasheet
48Kb / 1P
ADAPTER, ANGLE TNC M-F
KA-91-18 WINCHESTER-KA-91-18 Datasheet
43Kb / 1P
ADPT, M-F, TNC-BNC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com