Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA80 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA80
Description  ADAPTER BNC F/BNC F, 50 OHM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA80 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA80 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.28
32.5
T.CLARK
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
UNLESS OTHERWISE SPECIFIED,
MAY OCCUR
REF
8
BA80
D
BA80.SLDDRW
05/04/01
REVISIONS
DESCRIPTION
APPROVED
REV
11
12/28/07
RELEASED FOR PRODUCTION
B
ECN 3131: UPDATE DWG FORMAT
C
ECN 3776: UPDATED DIMENSIONS, NEW FORMAT
43321
05/02/01
D.PARHAM
DATE
MCCORMICK
05/04/01
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
4/1/15
A
12/31/08
05/04/01
D. DESJARDIN
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
D.GRIFFIN
ADAPTER BNC F/BNC F, 50 OHM
COAXIAL
PROJECTION
ECN 7890: UPDATED FORMAT, PACKAGING, ROHS
DIMENSIONS ARE IN INCHES [mm]
MCCORMICK
UNDIMENSIONED FEATURES
D
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
NOTES:
IMPEDANCE: 50 OHM
1.
ADAPTER SHALL BE TESTED FOR CONTINUITY.
2.
ADAPTER SHALL BE INDIVIDUALLY PACKAGED IN
3.
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL
CONTACT
BRASS
GOLD
DIELECTRIC
ACETAL
---
D
D
2X BNC JACK
.43
11.0


Similar Part No. - BA80

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA8005 L-COM-BA8005 Datasheet
94Kb / 1P
BNC PLUG TO FME PLUG
3/28/02
BA8016 L-COM-BA8016 Datasheet
72Kb / 1P
BNC TO FME ADAPTOR
3/27/02
logo
Rohm
BA80BC0FP ROHM-BA80BC0FP Datasheet
358Kb / 6P
1.0A Low-Dropout Voltage Regulator with Shut down Switch
BA80BC0FP ROHM-BA80BC0FP Datasheet
392Kb / 10P
1A Secondary LDO Regulators for Local Power Supplies
BA80BC0FP-E2 ROHM-BA80BC0FP-E2 Datasheet
512Kb / 19P
1A Variable/Fixed Output LDO Regulators
More results

Similar Description - BA80

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD759-6 VITESSE-SD759-6 Datasheet
46Kb / 1P
ADAPTER, TNC-BNC,F-F
logo
Winchester Electronics ...
SD759-6 WINCHESTER-SD759-6 Datasheet
46Kb / 1P
ADAPTER, TNC-BNC, F-F
SD759-9 WINCHESTER-SD759-9 Datasheet
66Kb / 1P
ADAPTER, F-F, BULKHEAD, PRESSUIRIZED, BNC-BNC
SD2029-16-9 WINCHESTER-SD2029-16-9 Datasheet
43Kb / 1P
ADAPTER, F-M-F, 75 BNC-75 BNC
SDKC-99-20 WINCHESTER-SDKC-99-20 Datasheet
36Kb / 1P
ADAPTER, BNC TEE, F-F-F
SDKC-99-40 WINCHESTER-SDKC-99-40 Datasheet
66Kb / 1P
ADAPTER, F-F, BULKHEAD, ISOLATED GROUND, BNC-BNC
SDKC-99-54 WINCHESTER-SDKC-99-54 Datasheet
69Kb / 1P
ADAPTER, F-F, BULKHEAD ISOLATED GROUND, BNC-BNC
SDKC-99-56 WINCHESTER-SDKC-99-56 Datasheet
49Kb / 1P
ADAPTER, F-F, PANEL, BNC
logo
Pasternack Enterprises,...
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9152 PASTERNACK-PE9152 Datasheet
237Kb / 2P
50 Ohm BNC Male to 75 Ohm F Male Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com