Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC299 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC299
Description  CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC299 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC299 Datasheet HTML 1Page - STMicroelectronics M54HC299 Datasheet HTML 2Page - STMicroelectronics M54HC299 Datasheet HTML 3Page - STMicroelectronics M54HC299 Datasheet HTML 4Page - STMicroelectronics M54HC299 Datasheet HTML 5Page - STMicroelectronics M54HC299 Datasheet HTML 6Page - STMicroelectronics M54HC299 Datasheet HTML 7Page - STMicroelectronics M54HC299 Datasheet HTML 8Page - STMicroelectronics M54HC299 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
M54/74HC299
M54/74HC323
October 1993
HC323 8 BIT PIPO SHIFT REGISTER WITH SYNCHRONOUS CLEAR
HC299 8 BIT PIPO SHIFT REGISTER WITHASYNCHRONOUS CLEAR
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXF1R
M74HCXXXM1R
M74HCXXXB1R
M74HCXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
.
HIGH SPEED
fMAX = 42 MHz (TYP.) AT VCC =5V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS FOR QA’ TO QH’
15 LSTTL LOADS FOR QA TO QH
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 6 mA (MIN.) FOR QA,TOQH,
IOH =IOL = 4 mA (MIN.) FOR QA,TOQH
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS299
DESCRIPTION
The M54/74HC299/323 are high speed CMOS 8-
BIT PIPO SHIFT REGISTERS (3-STATE) fabri-
cated with silicon gate C
2MOS technology.
They achieve the high speed operation similar to
equivalent LSTTL while maintaining the CMOS low
power consumption.
These devices have four modes (HOLD, SHIFT
LEFT, SHIFT RIGHT and LOAD DATA). Each mode
is chosen by two function select inputs (S0, S1).
When one or both enable inputs, (G1, G2) are high,
the eight input/output terminals are in the high-
impedance state ; however sequential operation or
clearing of the register is not affected.
Clear function on the HC299 is asynchronous to
CLOCK, while the HC323 is cleared synchronous to
clock.
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
1/15


Similar Part No. - M54HC299

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC292 STMICROELECTRONICS-M54HC292 Datasheet
299Kb / 14P
PROGRAMMABLE DIVIDER/TIMER
Oct-1993
M54HC292B1R STMICROELECTRONICS-M54HC292B1R Datasheet
299Kb / 14P
PROGRAMMABLE DIVIDER/TIMER
Oct-1993
M54HC292C1R STMICROELECTRONICS-M54HC292C1R Datasheet
299Kb / 14P
PROGRAMMABLE DIVIDER/TIMER
Oct-1993
M54HC292F1R STMICROELECTRONICS-M54HC292F1R Datasheet
299Kb / 14P
PROGRAMMABLE DIVIDER/TIMER
Oct-1993
M54HC292M1R STMICROELECTRONICS-M54HC292M1R Datasheet
299Kb / 14P
PROGRAMMABLE DIVIDER/TIMER
Oct-1993
More results

Similar Description - M54HC299

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
JRC2351 IDEA-JRC2351 Datasheet
24Kb / 1P
Blue Clear and Diffused, Water Clear LED
logo
A-BRIGHT Inc
AL-01T7IR1WC-A30 A-BRIGHT-AL-01T7IR1WC-A30 Datasheet
329Kb / 4P
Water Clear
logo
Ningbo Foryard Optoelec...
FYL-48D2UWC1A FORYARD-FYL-48D2UWC1A Datasheet
279Kb / 5P
Water clear led
FYL-3014UWC1A FORYARD-FYL-3014UWC1A_15 Datasheet
281Kb / 5P
Water clear led
FYL-3014UWC1A-ULW FORYARD-FYL-3014UWC1A-ULW Datasheet
279Kb / 5P
Water clear led
FYL-5013LUYC1C FORYARD-FYL-5013LUYC1C_15 Datasheet
273Kb / 5P
Water clear led
FYL-5013UGC1C FORYARD-FYL-5013UGC1C Datasheet
272Kb / 5P
Water clear led
FYL-5014UBC1C FORYARD-FYL-5014UBC1C Datasheet
280Kb / 5P
Water clear led
logo
PHOENIX CONTACT
VC-POLISHER PHOENIX-VC-POLISHER Datasheet
49Kb / 1P
Clear representation
2744199 PHOENIX-2744199 Datasheet
49Kb / 2P
Clear representation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com