Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC323 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M54HC323
Description  CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC323 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M54HC323 Datasheet HTML 4Page - STMicroelectronics M54HC323 Datasheet HTML 5Page - STMicroelectronics M54HC323 Datasheet HTML 6Page - STMicroelectronics M54HC323 Datasheet HTML 7Page - STMicroelectronics M54HC323 Datasheet HTML 8Page - STMicroelectronics M54HC323 Datasheet HTML 9Page - STMicroelectronics M54HC323 Datasheet HTML 10Page - STMicroelectronics M54HC323 Datasheet HTML 11Page - STMicroelectronics M54HC323 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
CL
(pF)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation
Delay Time
(CK - QA, QH)
2.0
50
80
160
200
240
ns
4.5
21
32
40
48
6.0
17
27
34
41
2.0
150
100
200
250
300
ns
4.5
26
40
50
60
6.0
21
34
43
51
tPHL
Propagation
Delay Time
(CLR - QA, QH)
2.0
50
for HC323
85
190
240
285
ns
4.5
24
38
48
57
6.0
18
32
41
48
2.0
150
for HC323
105
230
290
345
ns
4.5
29
46
58
69
6.0
22
39
49
59
tPZL
tPZH
3 State Output
Enable Time
2.0
50
RL =1 K
Ω
60
130
165
195
ns
4.5
17
26
33
39
6.0
13
22
28
33
2.0
150
RL =1 K
Ω
78
170
15
255
ns
4.5
23
34
43
51
6.0
17
29
37
43
tPLZ
tPHZ
3 State Output
Disable Time
2.0
50
RL =1 K
Ω
54
150
190
225
ns
4.5
19
30
38
45
6.0
16
26
32
38
fMAX
Maximum Clock
Frequency
2.0
50
6
12
4.8
4
ns
4.5
30
58
24
20
6.0
35
80
28
24
tW(L)
tW(H)
Minimum Pulse
Width
(CLOCK)
2.0
50
75
95
110
ns
4.5
15
19
22
6.0
13
16
19
tW(L)
Minimum Pulse
Width
(CLEAR)
2.0
50
for HC299
75
95
110
ns
4.5
15
19
22
6.0
13
16
19
ts
Minimum Set-up
Time (S0, S1)
(SL, SR, A H)
(CLEAR for 323)
2.0
50
100
125
150
ns
4.5
20
25
30
6.0
17
21
26
th
Minimum Hold
Time (S0, S1)
(SL, SR, A H)
(CLEAR for 323)
2.0
50
000
ns
4.5
0
0
0
6.0
0
0
0
tREM
Minimum
Removal Time
(CLEAR)
2.0
50
for HC299
50
65
75
ns
4.5
10
13
15
6.0
9
11
13
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
170
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
M54/M74HC299/323
8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com