Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103X8 Datasheet(PDF) 81 Page - STMicroelectronics

Part # STM32F103X8
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103X8 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STM32F103X8 Datasheet HTML 76Page - STMicroelectronics STM32F103X8 Datasheet HTML 77Page - STMicroelectronics STM32F103X8 Datasheet HTML 78Page - STMicroelectronics STM32F103X8 Datasheet HTML 79Page - STMicroelectronics STM32F103X8 Datasheet HTML 80Page - STMicroelectronics STM32F103X8 Datasheet HTML 81Page - STMicroelectronics STM32F103X8 Datasheet HTML 82Page - STMicroelectronics STM32F103X8 Datasheet HTML 83Page - STMicroelectronics STM32F103X8 Datasheet HTML 84Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 81 / 84 page
background image
STM32F103xx
Revision history
81/84
18-Oct-2007
3
STM32F103CBT6, STM32F103T6 and STM32F103T8 root part
numbers added (see Table 2: Device features and peripheral counts
(STM32F103xx performance line))
VFQFPN36 package added (see Section 6: Package characteristics).
All packages are ECOPACK® compliant. Package mechanical data
inch values are calculated from mm and rounded to 4 decimal digits
(see Section 6: Package characteristics).
Table 3: Pin definitions updated and clarified.
Table 25: Low-power mode wakeup timings updated.
TA min corrected in Table 10: Embedded internal reference voltage.
Note 4 added below Table 21: HSE 4-16 MHz oscillator characteristics.
VESD(CDM) value added to Table 31: ESD absolute maximum ratings.
Note 3 added and VOH parameter description modified in Table 34:
Output voltage characteristics.
Note 1 modified under Table 35: I/O AC characteristics.
Equation 1 and Table 45: RAIN max for fADC = 14 MHz added to
Section 5.3.17: 12-bit ADC characteristics.
VAIN, tS max, tCONV, VREF+ min and tlat max modified, notes modified
and tlatr added in Table 44: ADC characteristics.
Figure 29: ADC accuracy characteristics updated. Note 1 modified
below Figure 30: Typical connection diagram using the ADC.
Electrostatic discharge (ESD) on page 52 modified.
Number of TIM4 channels modified in Figure 1: STM32F103xx
performance line block diagram.
Maximum current consumption Table 11, Table 12 and Table 13
updated. Vhysmodified in Table 33: I/O static characteristics.
Table 47: ADC accuracy updated. tVDD modified in Table 8: Operating
conditions at power-up / power-down. VFESD value added in Table 29:
EMS characteristics.
Values corrected, note 2 modified and note 3 removed in Table 25:
Low-power mode wakeup timings.
Table 14: Typical and maximum current consumptions in Stop and
Standby modes: Typical values added for VDD/VBAT = 2.4 V, Note 5
modified, Note 3 added.
Table 17: Typical current consumption in Standby mode added. On-chip
peripheral current consumption on page 41 added.
ACCHSI values updated in Table 23: HSI oscillator characteristics.
Vprog added to Table 27: Flash memory characteristics.
Upper option byte address modified in Figure 8: Memory map.
Typical fLSI value added in Table 24: LSI oscillator characteristics and
internal RC value corrected from 32 to 40 kHz in entire document.
TS_temp added to Table 48: TS characteristics. NEND modified in
Table 28: Flash memory endurance and data retention.
TS_vrefint added to Table 10: Embedded internal reference voltage.
Handling of unused pins specified in General input/output
characteristics on page 53. All I/Os are CMOS and TTL compliant.
Figure 31: Power supply and reference decoupling (VREF+ not
connected to VDDA) modified.
tJITTER and fVCO removed from Table 26: PLL characteristics.
Appendix A: Important notes on page 81 added.
Added Figure 13, Figure 14, Figure 15 and Figure 17.
Table 56.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com