Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAUC2-MICROBF-CM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CAUC2-MICROBF-CM
Description  USB MICRO B FEMALE TO C MALE, 480 Mbps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CAUC2-MICROBF-CM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CAUC2-MICROBF-CM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LC LG Rev-D5 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
.54
13.7
.27
6.9
.07
1.85
.23
5.8
.22
5.7
.26
6.65
.71
18.05
.08
2.05
.09
2.4
.32
8.25
.087 2.2
05
03
04
02
01
A1 A12 B1 B12
A6
OTG
A7
A4 A9 B4 B9
A5
R51K
R5.1K
SHELL
SHELL
PIN ASSIGNMENT
CN2
CN1
B12
A1
A12
B1
1
5
BLACK ALUMINUM ALLOY HOUSING
NOTES:
ELECTRICAL TEST:
1.
100% OPEN SHORT & MISS WIRE TEST
1.
CONTACT RESISTANCE: 5 OHM MAX
2.
INSULATION RESISTANCE: 10M OHM MIN
3.
HI-POT TEST: DC 300V/10ms
4.
COMPONENT SHALL BE TESTED FOR CONTINUITY.
2.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED.
3.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
CN2
USB MICRO B FEMALE
CONNECTOR
W/ NICKEL PLATED CONTACTS
CN1
USB TYPE C MALE
CONNECTOR
W/ NICKEL PLATED CONTACTS
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
A
INITIAL RELEASE
02/06/2024
DMAY
DGUTTADAURO
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
CAUC2-MICROBF-CM
A
USB MICRO B FEMALE TO C MALE, 480 Mbps
DMAY
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.


Similar Part No. - CAUC2-MICROBF-CM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CAUC2-MICROBM-AF L-COM-CAUC2-MICROBM-AF Datasheet
170Kb / 1P
USB MICRO B MALE TO A FEMALE, 480 Mbps
CAUC2-MICROBM-CF L-COM-CAUC2-MICROBM-CF Datasheet
162Kb / 1P
USB MICRO B MALE TO C FEMALE, 480 Mbps
More results

Similar Description - CAUC2-MICROBF-CM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U040-06N-MIC-F TRIPPLITE-U040-06N-MIC-F Datasheet
499Kb / 2P
USB 2.0 Hi-Speed Adapter Cable, USB Type-C (USB-C) Male to USB Micro-B Female), 6-in.
logo
List of Unclassifed Man...
MC000993 ETC2-MC000993 Datasheet
169Kb / 1P
USB 2.0 Micro B Male to C Male Cable 1m
logo
Tripp Lite. All Rights ...
U040-006-MICRO TRIPPLITE-U040-006-MICRO Datasheet
159Kb / 3P
USB 2.0 Cable, USB Micro-B Male to USB Type-C (USB-C) Male, 6-ft.
U053-000-OTG TRIPPLITE-U053-000-OTG Datasheet
170Kb / 2P
2-in-1 OTG Adapter, USB 3.0 Micro B Male and USB 2.0 Micro B Male to USB A Female
logo
List of Unclassifed Man...
USBCM301M0MICBMMBKR ETC-USBCM301M0MICBMMBKR Datasheet
337Kb / 6P
USB TYPE MICRO B SUPER SPEED to USB C MALE 3.0, GT Cable
08/22/2022
USBCM301M0MICBMMWHR ETC-USBCM301M0MICBMMWHR Datasheet
662Kb / 6P
USB TYPE MICRO B SUPER SPEED to USB C MALE 3.0, GT Cable
08/23/2022
USBCM302M0MICBMMBKR ETC-USBCM302M0MICBMMBKR Datasheet
337Kb / 6P
USB TYPE MICRO B SUPER SPEED to USB C MALE 3.0, GT Cable
08/23/2022
USBCM302M0MICBMMWHR ETC-USBCM302M0MICBMMWHR Datasheet
337Kb / 6P
USB TYPE MICRO B SUPER SPEED to USB C MALE 3.0, GT Cable
08/23/2022
USBCM303M0MICBMMBKR ETC-USBCM303M0MICBMMBKR Datasheet
337Kb / 6P
USB TYPE MICRO B SUPER SPEED to USB C MALE 3.0, GT Cable
08/23/2022
USBCM303M0MICBMMWHR ETC-USBCM303M0MICBMMWHR Datasheet
337Kb / 6P
USB TYPE MICRO B SUPER SPEED to USB C MALE 3.0, GT Cable
08/23/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com