Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM12 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STPM12
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM12 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STPM12 Datasheet HTML 16Page - STMicroelectronics STPM12 Datasheet HTML 17Page - STMicroelectronics STPM12 Datasheet HTML 18Page - STMicroelectronics STPM12 Datasheet HTML 19Page - STMicroelectronics STPM12 Datasheet HTML 20Page - STMicroelectronics STPM12 Datasheet HTML 21Page - STMicroelectronics STPM12 Datasheet HTML 22Page - STMicroelectronics STPM12 Datasheet HTML 23Page - STMicroelectronics STPM12 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
Theory of operation
STPM11/12/13/14
20/45
7.7
Load monitoring
The STPM1X include a no-load condition detection circuit with adjustable threshold. This
circuit monitors the voltage and the current channels and, when the measured power is
below the set threshold, the internal signal BIL becomes high. The information about this
signal is also available in the status bit BIL.
The no load condition occurs when the product between VRMS and IRMS input values is
below a given value. This value can be set with the LTCH configuration bits, and it is also
dependent on the selected current gain (Ai) and the calibration registers constant Kp=Kv*Ki.
Four different no-load threshold values can be chosen according to the two configurations
bits LTCH (see Table 11).
When a no-load condition occurs (BIL=1), the integration of power is suspended and the
tamper module is disabled.
If a no-load condition is detected, the BIL signal blocks generation of pulses for stepper and
forces the SCLNLC pin to be low.
Figure 16.
Bandgap temperature variation
Table 11.
No load detection thresholds
LTCH
Vrms * Irms (input channel voltages)
Vrms * Irms (input channel voltages)
Rogowski coil (PST<2)
Ct or Shunt (PST>1)
0
0.004488 / (Ai*Kp)
0.003648 / (Ai*Kp)
1
0.008976 / (Ai*Kp)
0.007296 / (Ai*Kp)
2
0.017952 / (Ai*Kp)
0.014592 / (Ai*Kp)
3
0.035904 / (Ai*Kp)
0.029184 / (Ai*Kp)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com