Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CON-M124SLDF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CON-M124SLDF
Description  M12 4 PIN SLDR MNT FEMALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CON-M124SLDF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CON-M124SLDF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.71
18
.53
13.4
1
4
3
2
.72
18.4
.21
5.3
.063
1.60
O-RING
HEX NUT
M16.0 X 1.5
4X SOLDER CUP
.535-.000
+.004
13.6 0.0
+0.1
.634±.004
16.1±0.1
NOTE:
1. WATERPROOF RATING: IP68
2. HOUSING: NYLON + GF, BLACK
3. MAIN HOUSING: ZINC ALLOY, NICKEL PLATED
4. NUT: ZINC ALLOY: NICKEL PLATED
5. O-RING: EPDM
6. PINS: COPPER ALLOY, GOLD PLATED
7. MAX PANEL THICKNESS: .177 [4.5]
8. RECOMMENDED NUT TORQUE: 3.5 - 5.2 lbf in [4-6 kgf.cm]
9. CONNECTORS INDIVIDUALLY PACKAGED IN A POLYBAG.
RECOMMENDED
PANEL OPENING
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CON-M124SLDF
A
CON-M124SLDF.SLDDRW
1
1
J. RUST
12/08/2009
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P. MCNEIL
12/08/209
12/16/09
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
M12 4 PIN SLDR MNT FEMALE
TELECOM / MODULAR
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. PARHAM
COLOR VARIATIONS
MAY OCCUR
12/01/2009
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - CON-M124SLDF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CON-M124PCBF L-COM-CON-M124PCBF Datasheet
70Kb / 1P
M12 4 PIN PCB MNT FEMALE
12/01/2009
CON-M124PF L-COM-CON-M124PF Datasheet
68Kb / 1P
M12 4 PIN PNL MNT FEMALE
11/24/2009
CON-M124PM L-COM-CON-M124PM Datasheet
72Kb / 1P
M12 4 PIN PNL MNT MALE
11/24/2009
More results

Similar Description - CON-M124SLDF

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
200 ALPHAWIRE-200 Datasheet
194Kb / 2P
M12-A Female 4 Pin Field Attachable
202 ALPHAWIRE-202 Datasheet
195Kb / 2P
M12-A Female 4 Pin Field Attachable
logo
Schneider Electric
XZCR1511041C2 SCHNEIDER-XZCR1511041C2 Datasheet
96Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 2m
Dec 7, 2020
XZCR1512041C1 SCHNEIDER-XZCR1512041C1 Datasheet
98Kb / 4P
jumper cable XZ - male straight M12 4-pin - female elbowed M12 4-pin - PUR 1m
Dec 7, 2020
XZCRA151141C2 SCHNEIDER-XZCRA151141C2 Datasheet
108Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PVC 2m
Dec 7, 2020
XZCRB151141C2 SCHNEIDER-XZCRB151141C2 Datasheet
89Kb / 3P
jumper cable -male straight M12 4 pin-female straight M12 4 pin-PUR shielded 2m
Dec 7, 2020
XZCRB151141C5 SCHNEIDER-XZCRB151141C5 Datasheet
88Kb / 3P
jumper cable -male straight M12 4 pin-female straight M12 4 pin-PUR shielded 5m
Dec 7, 2020
XZCRV1511041C1 SCHNEIDER-XZCRV1511041C1 Datasheet
85Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PVC 1m
Dec 7, 2020
XZCRV1511041C2 SCHNEIDER-XZCRV1511041C2 Datasheet
86Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PVC 2m
Dec 7, 2020
XZCRV1512041C5 SCHNEIDER-XZCRV1512041C5 Datasheet
105Kb / 4P
jumper cable XZ - male straight M12 4-pin - female elbowed M12 4-pin - PVC 5m
Dec 7, 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com