Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19-237-R6GHBHC-A01 Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part # 19-237-R6GHBHC-A01
Description  0.35mm Height Chip LED with Full Color
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-237-R6GHBHC-A01 Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button 19-237-R6GHBHC-A01 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01 Datasheet HTML 9Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01 Datasheet HTML 10Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01 Datasheet HTML 11Page - Everlight Electronics Co., Ltd 19-237-R6GHBHC-A01 Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-237/R6GHBHC-A01/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 11 of 12
Device No. : DSE-937-001
Prepared date: 07-26-2005
Prepared by : Jessica Chang
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.
4. Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 280℃ for 3 seconds
within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do
soldering of each terminal. Be careful because the damage of the product is often started at the time of
the hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com