Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS037V7DW01 Datasheet(PDF) 21 Page - Sharp Corporation

Part # LS037V7DW01
Description  TFT-LCD Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS037V7DW01 Datasheet(HTML) 21 Page - Sharp Corporation

Back Button LS037V7DW01 Datasheet HTML 17Page - Sharp Corporation LS037V7DW01 Datasheet HTML 18Page - Sharp Corporation LS037V7DW01 Datasheet HTML 19Page - Sharp Corporation LS037V7DW01 Datasheet HTML 20Page - Sharp Corporation LS037V7DW01 Datasheet HTML 21Page - Sharp Corporation LS037V7DW01 Datasheet HTML 22Page - Sharp Corporation LS037V7DW01 Datasheet HTML 23Page - Sharp Corporation LS037V7DW01 Datasheet HTML 24Page - Sharp Corporation LS037V7DW01 Datasheet HTML 25Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LCP-06008A-18
(15)Reliability Test Conditions for TFT-LCD Module
Table 12
No.
Test items
Test conditions
1
High temperature storage test
Ta=+70℃
240h
2
Low temperature storage test
Ta=-20℃
240h
3
High temperature and
high humidity operating test
Tp=+40℃ , 95%RH
240h
(But no condensation of dew)
4
High temperature operating test
Tp=+60℃
240h
5
Low temperature operating test
Tp=-10℃
240h
6
Electro static discharge test
±200V・200pF(0Ω) to Terminals(Contact)
(1 time for each terminals)
7
Shock tset
980 m/s2, 6 ms
±X,±Y,±Z 3 times for each direction
(JIS C0041, A-7 Condition C)
8
Vibration test
Frequency range: 10Hz~55~10Hz
Stroke: 1.5 mm
Sweep: 10Hz~55Hz
X,Y,Z 2 hours for each direction (total 6 hours)
(JIS C0040,A-10 Condition A)
9
Heat shock test
Ta=-20℃~+70℃ / 5 cycles
(1h)
(1h)
10
Point activation test
(Touch panel)
Hit it 1,000,000 times with a silicon rubber of R8 HS 60.
Hitting force :2.45N(250gf)
Hitting speed : 3 times per second
11
Writing friction resistance test
(Touch panel)
Slide Pen 100,000 times under following
conditions:
Pen : 0.8Rmm Polyacetal stylus
Load : 2.45N(250gf)
Speed : 3 strokes per second
Stroke : 35mm
Testing apparatus : shown in Fig.3
Fig.3
Motor
Touch Panel
Stroke 35mm
Weight
2.45N(250gf)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com