Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3513 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC3513
Description  ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM SMA-F .141" SR DIRECT SOLDER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC3513 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC3513 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DWG NO
SIZE
REV
SHEET
SCALE
CAGE CODE
A
SPECIFICATIONS
ELECTRICAL:
FREQUENCY: 0-18 GHZ
IMPEDANCE: 50 OHMS
MECHANICAL:
MATERIAL BODY: Au PLATED STAINLESS STEEL
CENTER CONTACT: BeCu Au PLATED MIL-G-45204
INSULATOR: TEFLON
INTERFACE: MIL-STD-883A
ROHS COMPLIANT
OP. TEMP RANGE: -55°C to +155°C
ASSEMBLY:
TRIM CABLE AS SHOWN;
SOLDER ON PIN, LEAVING 15 MIL GAP
BETWEEN PIN & DIELECTRIC;
INSERT CABLE INTO BODY KEEPING
END OF CABLE FLUSH WITH DIELECTRIC;
SOLDER CABLE JACKET TO BODY
3FKR5
SMA-F .141" SR DIRECT SOLDER
STRIPPING DIMENSIONS
.090"
.500"
.250" HEX
FAIRVIEW MICROWAVE INC.
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
SMA-F .141" SR DIRECT SOLDER


Similar Part No. - SC3513

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC3514 FAIRVIEW-SC3514 Datasheet
502Kb / 3P
SMA Female Connector Solder Attachment For RG402, RG402 Tinned, .141 SR Cable
REV 2.0
SC3519A FAIRVIEW-SC3519A Datasheet
536Kb / 3P
SMA Female Connector Solder/Non-Solder Contact Attachment For RG405, RG405 Tinned, .086 SR Cable
REV 1.3
More results

Similar Description - SC3513

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SF-SF50+ MINI-SF-SF50+ Datasheet
132Kb / 1P
Coaxial Adapter, SMA-F to SMA-F
logo
Pomona Electronics
72979 POMONA-72979 Datasheet
119Kb / 1P
SMA (F) TO SMB (F)
logo
Mini-Circuits
SF-BF50 MINI-SF-BF50 Datasheet
209Kb / 1P
SMA-F to BNC-F
logo
Amphenol Corporation
132112 AMPHENOL-132112 Datasheet
69Kb / 1P
SMA R/A DIRECT SOLDER PLUG
132201 AMPHENOL-132201 Datasheet
67Kb / 1P
SMA R/A DIRECT SOLDER PLUG (FOR .141 SEMI-RIGID CABLE)
logo
Molex Electronics Ltd.
0732510071 MOLEX11-0732510071 Datasheet
69Kb / 1P
50 Ohms, SMA Right-Angle Plug, RG-402 (.141) Cable, Solder Type
logo
TE Connectivity Ltd
C-2016750 TEC-C-2016750 Datasheet
179Kb / 1P
EP-SMA,27GHz, F-F,RG402/.141,FLEX
logo
PHOENIX CONTACT
2884541 PHOENIX-2884541 Datasheet
231Kb / 2P
Adapter - RAD-ADP-SMA/F-SMA/F
logo
Amphenol RF.
112619 RF-112619 Datasheet
70Kb / 1P
BNC PANEL DIRECT SOLDER JACK (FOR .141" SEMI RIGID CABLE)
04/09/07
logo
Amphenol SV Microwave
1129-6279 SVMICROWAVE-1129-6279 Datasheet
75Kb / 1P
SMA F TO SMA F STR. ADAPTER
04/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com