Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC375 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC375
Description  QUAD D TYPE LATCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC375 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC375 Datasheet HTML 1Page - STMicroelectronics M54HC375 Datasheet HTML 2Page - STMicroelectronics M54HC375 Datasheet HTML 3Page - STMicroelectronics M54HC375 Datasheet HTML 4Page - STMicroelectronics M54HC375 Datasheet HTML 5Page - STMicroelectronics M54HC375 Datasheet HTML 6Page - STMicroelectronics M54HC375 Datasheet HTML 7Page - STMicroelectronics M54HC375 Datasheet HTML 8Page - STMicroelectronics M54HC375 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M54HC375
M74HC375
February 1993
QUAD D TYPE LATCH
B1R
(Plastic Package)
ORDER CODES :
M54HC375F1R
M74HC375M1R
M74HC375B1R
M74HC375C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
DESCRIPTION
.
HIGH SPEED
tPD = 14 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =1
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS375
The M54/74HC375 is a high speed CMOS QUAD D
TYPE LATCH fabricated in silicon gate C
2MOS
technology. It has the same high speed perform-
ance of LSTTL combined with true CMOS low power
consumption. It contains two groups of 2-bit latches
controlled by an enable input (G1 . 2or G3 . 4).
These two latch groups can be used in the different
circuits. Each latch has Q and Q outputs (1Q to 4Q
and 1Q to 4Q). The data applied to the data input is
transferred to the Q and Q outputs when the enable
input is taken high and the outputs will follow the
data input as long as the enable input is kept high.
When the enable input is taken low, the information
data applied to the data input at that time is retained
at the outputs.
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
1/11


Similar Part No. - M54HC375

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC373 STMICROELECTRONICS-M54HC373 Datasheet
271Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC373 NON INVERTING - HC533 INVERTING
Oct-1993
M54HC373 STMICROELECTRONICS-M54HC373 Datasheet
295Kb / 11P
RAD-HARD OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
10-May-2004
M54HC373 STMICROELECTRONICS-M54HC373 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC373B1R STMICROELECTRONICS-M54HC373B1R Datasheet
271Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC373 NON INVERTING - HC533 INVERTING
Oct-1993
M54HC373C1R STMICROELECTRONICS-M54HC373C1R Datasheet
271Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC373 NON INVERTING - HC533 INVERTING
Oct-1993
More results

Similar Description - M54HC375

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4042B STMICROELECTRONICS-HCC4042B Datasheet
301Kb / 13P
QUAD CLOCKED D LATCH
Jun-1989
logo
Rohm
BU4042B ROHM-BU4042B Datasheet
53Kb / 4P
Quad D latch
logo
Intersil Corporation
CD4042BMS INTERSIL-CD4042BMS Datasheet
63Kb / 8P
CMOS Quad Clocked “D” Latch
December 1992
logo
National Semiconductor ...
CD4042BM NSC-CD4042BM Datasheet
124Kb / 6P
Quad Clocked D Latch
logo
Texas Instruments
CD4042B TI-CD4042B Datasheet
599Kb / 12P
CMOS Quad Clocked "D" Latch
logo
Integral Corp.
IW4042B INTEGRAL-IW4042B Datasheet
154Kb / 5P
QUAD CLOCKED LATCH
logo
STMicroelectronics
HCF4042B STMICROELECTRONICS-HCF4042B_01 Datasheet
265Kb / 9P
QUAD CLOCKED D LATCH
Sep-2001
logo
Texas Instruments
CD4042B TI1-CD4042B_15 Datasheet
1Mb / 30P
CMOS Quad Clocked D Latch
9314 TI1-9314_11 Datasheet
361Kb / 8P
Quad Latch
logo
Motorola, Inc
MC10168 MOTOROLA-MC10168 Datasheet
73Kb / 4P
Quad Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com