Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC377 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC377
Description  OCTAL D TYPE FLIP FLOP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC377 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC377 Datasheet HTML 1Page - STMicroelectronics M54HC377 Datasheet HTML 2Page - STMicroelectronics M54HC377 Datasheet HTML 3Page - STMicroelectronics M54HC377 Datasheet HTML 4Page - STMicroelectronics M54HC377 Datasheet HTML 5Page - STMicroelectronics M54HC377 Datasheet HTML 6Page - STMicroelectronics M54HC377 Datasheet HTML 7Page - STMicroelectronics M54HC377 Datasheet HTML 8Page - STMicroelectronics M54HC377 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M54HC377
M74HC377
February 1993
OCTAL D TYPE FLIP FLOP
B1R
(Plastic Package)
ORDER CODES :
M54HC377F1R
M74HC377M1R
M74HC377B1R
M74HC377C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
DESCRIPTION
.
HIGH SPEED
fMAX = 73 MHz (TYP.) at VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) at 25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V to 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS377
The M54/74HC377 is a high speed CMOS OCTAL-
D-TYPE FLIP FLOP fabricated in silicon gate
C
2MOS technology. It has the same high speed per-
formance of LSTTL combined with true CMOS low
power consumption.
Information at the D inputs meeting the setup time
requirements is transferred to the Q outputs on the
positive-going edge of the clock pulse if the enable
input G is low. Clock triggering occurs at a particular
voltage level and is not directly related to the transi-
tion time of the positive-going pulse. When the clock
input is at either the high or low level, the D input sig-
nal has no effect at the output. All inputs are
equipped with protection circuits against static dis-
charge and transient excess voltage.
1/11


Similar Part No. - M54HC377

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC373 STMICROELECTRONICS-M54HC373 Datasheet
271Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC373 NON INVERTING - HC533 INVERTING
Oct-1993
M54HC373 STMICROELECTRONICS-M54HC373 Datasheet
295Kb / 11P
RAD-HARD OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
10-May-2004
M54HC373 STMICROELECTRONICS-M54HC373 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC373B1R STMICROELECTRONICS-M54HC373B1R Datasheet
271Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC373 NON INVERTING - HC533 INVERTING
Oct-1993
M54HC373C1R STMICROELECTRONICS-M54HC373C1R Datasheet
271Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC373 NON INVERTING - HC533 INVERTING
Oct-1993
More results

Similar Description - M54HC377

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT273 NSC-54ABT273 Datasheet
145Kb / 8P
Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
Octal D-type flip-flop
1995 Sep 06
74ALS273 PHILIPS-74ALS273 Datasheet
114Kb / 9P
Octal D-type flip-flop
1991 Feb 08
logo
Fairchild Semiconductor
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273 Datasheet
91Kb / 7P
Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
OCTAL D TYPE FLIP FLOP
Jul-2001
logo
Renesas Technology Corp
HD74AC273 RENESAS-HD74AC273 Datasheet
118Kb / 8P
Octal D-Type Flip-Flop
logo
Fairchild Semiconductor
74AC273SJX FAIRCHILD-74AC273SJX Datasheet
383Kb / 12P
Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com