Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-R2036 Datasheet(PDF) 1 Page - ABB

Part # EPP-R2036
Description  Protecta Plus DB row type 2 row 36 mod 590x450x130 [HxWxD mm]
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-R2036 Datasheet(HTML) 1 Page - ABB

  EPP-R2036 Datasheet HTML 1Page - ABB EPP-R2036 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Protecta Plus DB row type 2 row 36 mod
590x450x130 [HxWxD mm]
EPP-R2036
Extended Product Type
EPP-R2036
Product ID
1SKT220361C0001
EAN
6221115066581
Catalog Description
Protecta Plus DB row type 2 row 36 mod 590x450x130 [HxWxD mm]
Long Description
Protecta Plus DB row type 2 row 36 mod
General Information
PRODUCT-DETAILS
Ordering
6221115066581
EAN
1 piece
Minimum Order Quantity
85.38.18
Customs Tariff Number
Dimensions
450 mm
Product Net Width
590 mm
Product Net Height
130 mm
Product Net Depth /
Length
Additional Information
Grey
Color
Cover
Cover Plate Type
IP43
Degree of Protection
Steel
Housing Material
130 mm
Interior Depth
Surface mounted (plaster)
Mounting Type
2
Number of Rows
Grounded
Protection Class
125 A
Rated Current (In)
Powder coating
Surface Finishing
Certificates and Declarations (Document Number)
9AKK107045A1604
Data Sheet, Technical
Information
1SKC100819C0001
Declaration of


Similar Part No. - EPP-R2036

ManufacturerPart #DatasheetDescription
logo
ABB
EPP-R2036 ABB-EPP-R2036 Datasheet
6Mb / 75P
Protecta Plus MCB distribution board 250A Edition 1
02.10.2017
More results

Similar Description - EPP-R2036

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
logo
List of Unclassifed Man...
MFSS100 ETC2-MFSS100 Datasheet
93Kb / 1P
(2.54 mm) Headers Available in 2-36 Circuits
logo
Thinking Electronic Ind...
GD52R070NB THINKING-GD52R070NB Datasheet
180Kb / 5P
2-Electrode 5.5T6 mm Type
GF42R075NRM THINKING-GF42R075NRM Datasheet
164Kb / 3P
SMD 2-Electrode 44.2 mm Type
GF62R075NRM THINKING-GF62R075NRM Datasheet
136Kb / 4P
SMD 2-Electrode 6.2T4.2 mm Type
logo
FCI connector
88946-112LF FCI-CONNECTOR-88946-112LF Datasheet
121Kb / 1P
B SERIES R/A SIGNAL RECEPT ASSY 4 ROW, 2 MOD, PF
logo
Tyco Electronics
535512-7 MACOM-535512-7 Datasheet
212Kb / 1P
AMPMOUD MOD 2 RECEPTACLE ASSEMBLY
logo
Pasternack Enterprises,...
PE15A3017 PASTERNACK-PE15A3017 Datasheet
460Kb / 5P
Gain 36 dB min
logo
Mallory performance clu...
PMOF-6050P-36UQ MALLORY-PMOF-6050P-36UQ Datasheet
91Kb / 1P
Sensitivity Range -36 짹 2 dB RL = 2.2 k Vcc = 2.0v (1 kHz 0 dB = 1 v/Pa)
logo
Molex Electronics Ltd.
5054333671 MOLEX1-5054333671 Datasheet
39Kb / 2P
Micro-Lock PLUS Vertical Header, 1.25mm Pitch, Dual Row, Tin-Bismuth Plating, 36
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com