Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-EB20 Datasheet(PDF) 66 Page - ABB

Part # EPP-EB20
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-EB20 Datasheet(HTML) 66 Page - ABB

Back Button EPP-EB20 Datasheet HTML 62Page - ABB EPP-EB20 Datasheet HTML 63Page - ABB EPP-EB20 Datasheet HTML 64Page - ABB EPP-EB20 Datasheet HTML 65Page - ABB EPP-EB20 Datasheet HTML 66Page - ABB EPP-EB20 Datasheet HTML 67Page - ABB EPP-EB20 Datasheet HTML 68Page - ABB EPP-EB20 Datasheet HTML 69Page - ABB EPP-EB20 Datasheet HTML 70Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 75 page
background image
67
Sensor type
CMS-120xx
CMS-121xx
CMS-122xx
CMS 120PS
Measurement range
[A]
80
40
20
Measuring method
TRMS, AC 50 / 60 Hz, DC
Peak factor, distorted waveform
≤ 1.5
≤ 3
≤ 6
AC accuracy (TA = + 25 °C)*
≤ ± 1 %
AC temperature coefficient*
≤ ± 0.04 %
CMS 120DR
DC accuracy (TA = + 25 °C)*
≤ ± 1.2 %
≤ ± 1.4 %
≤ ± 1.8 %
DC temperature coefficient*
≤ ± 0.14 %
≤ ± 0.24 %
≤ ± 0.44 %
Resolution
[A]
0.01
Sampling rate, internal
[Hz]
5000
Response time (±1 %)
[sec]
typ. 0.34
Conductor penetration
[mm]
9,6
Insulation strength
690 AC /1500 DC
CMS 120DR
Operating/storage temperature
[°C]
− 25 ... +70 / − 40 ... + 85
Dimensions
CMS-120PS Serie
[mm]
17.4 x 41.0 x 26.5
CMS-120CA Serie
[mm]
17.4 x 41.0 x 29.0
CMS-120DR Serie
[mm]
17.4 x 51.5 x 43.2
Standards
IEC 61010-1 | UL508 / CSA C22.2 No 14
—
Open-core sensors 18mm
—
Circuit Monitoring System - CMS
Technical features
*All accuracy specifications refer to the relevant full scale value and apply to 25 °C. In the case of open-core sensors, the position of the cable influences the precision.
C I R C U I T M O N I TO R I N G S Y S T EM - C M S - T EC H N I C A L FE AT U R E S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com