Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-R4072 Datasheet(PDF) 18 Page - ABB

Part # EPP-R4072
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-R4072 Datasheet(HTML) 18 Page - ABB

Back Button EPP-R4072 Datasheet HTML 14Page - ABB EPP-R4072 Datasheet HTML 15Page - ABB EPP-R4072 Datasheet HTML 16Page - ABB EPP-R4072 Datasheet HTML 17Page - ABB EPP-R4072 Datasheet HTML 18Page - ABB EPP-R4072 Datasheet HTML 19Page - ABB EPP-R4072 Datasheet HTML 20Page - ABB EPP-R4072 Datasheet HTML 21Page - ABB EPP-R4072 Datasheet HTML 22Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 75 page
background image
18
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
—
01 CMS-600
—
02 Connection
technology
—
03 Double slot terminal
—
04 CMS sensors
—
Key modular components - CMS
Circuit monitoring systems
CMS bus interface
A bus interface allows up to 96
sensors to be connected to the
Control Unit.
Control Units
The Control Unit is a kind of
computing and
communication center that,
depending on the equipment
connected to it, evaluates the
different data picked up by
the sensors and makes it
available via the built-in
interfaces.
Serial interfaces
Depending on the unit,
numerous interfaces and
protocols are available to
ensure smooth network
implementation: RS485
(Modbus RTU), LAN (TCP/IP and
Modbus TCP).
Thanks to the built-in web
server, an internet browser or a
free Android or iOS app can be
used to visualize the values
measured. What’s more, the
measured values can also be
exported to CSV files.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com