Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMA010MF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DMA010MF
Description  SERIAL PORT ADAPTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DMA010MF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DMA010MF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.852
47.04
R
4X
3.35
.132
11.40
.449
42.77
1.684
2X R.06
1.5
.73
18.6
.23
5.8
2X 4-40 UNC-2A
PHILLIPS HEAD SCREW
MAY OCCUR
A
UNLESS OTHERWISE SPECIFIED,
D
C
B
A
A
B
D-SUBMINIATURE
CONFIGURATION DETAILS OF
01845
SIZE
DWG. NO.
B
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
8
7
6
5
4
3
PROJECTION
C
D
45 BEECHWOOD DRIVE
PERMISSION OF L-COM, INC. IS PROHIBITED.
REVISIONS
REV
DESCRIPTION
DATE
CHANGED BY
REV.
A
CAD FILE: DMA010MF.SLDDRW
C.MCCORMICK
D.PARHAM
12/03/2001
12/03/2001
12/03/2001
DIMENSIONS ARE IN INCHES [mm]
DRAWING REPLACES DMA010MF-OD1
8/23/12
D.FRISIELLO
R.CARRICK
SERIAL PORT ADAPTOR
CATEGORY
PRODUCT DESCRIPTION
COLOR VARIATIONS
2
1
MAY VARY
DMA010MF
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF
FSCM NO.
43321
SHEET 1 OF 1
SCALE: 2:1
NORTH ANDOVER, MA
L-COM, INC. ANY REPRODUCTIONS IN PART OR WHOLE WITHOUT THE WRITTEN
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2[51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ±.2 [5.08]
.XX = ±.02 [.51]
.XXX = ± .005 [.13]
MALE, 9 PIN
D-SUB CONNECTOR
PIN 1
13
.51
2.10
53.3
1.852
47.04
MAX PANEL THICKNESS: 0.06"
PANEL OPENING
RECOMMENDED
SPECIFICATIONS;
MATERIALS;
SHELL: COLD ROLLED STEEL
CONTACTS: BRASS
INSULATOR: PBT UL94-V0 RATED
FINISH;
SHELL: TIN PLATED
CONTACT: GOLD FLASH
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
FEMALE, 25 PIN
D-SUB CONNECTOR
PIN 1
1
2
3
4
5
6
7
8
9
8
3
2
20
7
6
4
5
22
DB9
DB25


Similar Part No. - DMA010MF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DMA010FM L-COM-DMA010FM Datasheet
78Kb / 1P
ADPT, SER PORT DB9F/DB25M
12/03/2001
More results

Similar Description - DMA010MF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD64570 HITACHI-HD64570 Datasheet
1Mb / 469P
Serial Communications Adaptor
logo
National Semiconductor ...
LMX9820 NSC-LMX9820 Datasheet
567Kb / 40P
Bluetooth Serial Port Module
LMX9830 NSC-LMX9830 Datasheet
940Kb / 46P
BluetoothTM Serial Port Module
logo
rfsolutions.ltd
ISPICR1 RFSOLUTIONS-ISPICR1 Datasheet
47Kb / 4P
PIC IN CIRCUIT SERIAL PROGRAM ADAPTOR
logo
List of Unclassifed Man...
F2M01SXA ETC2-F2M01SXA Datasheet
115Kb / 10P
Serial Port Plug
logo
Texas Instruments
LMX9838SB TI-LMX9838SB Datasheet
1Mb / 38P
Bluetooth Serial Port Module
logo
List of Unclassifed Man...
4D-SERIAL-PI-ADAPTOR ETC2-4D-SERIAL-PI-ADAPTOR Datasheet
1Mb / 5P
4D Raspberry Pi Serial Adaptor
logo
Maxim Integrated Produc...
DS1411-009 MAXIM-DS1411-009 Datasheet
58Kb / 2P
Serial Port iButton Holder
Rev 6/11
logo
Black Box Registered Tr...
US-720 BLACKBOX-US-720 Datasheet
1Mb / 4P
USB-C to 1 Port 422/485 Industrial USB to Serial Adaptor
US-735 BLACKBOX-US-735 Datasheet
1Mb / 4P
USB-C to 1 Port RS232 Industrial USB to Serial Adaptor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com