Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMA030MF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DMA030MF
Description  ADAPTER, REVERSER 2&3 DB9M/F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DMA030MF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DMA030MF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B
THREAD
2X 4-40 UNC-2B
PIN 1
1.25
31.8
.51
13
.984
24.99
OF
C
B
D.FRISIELLO
UNLESS OTHERWISE SPECIFIED,
C.McCORMICK
7
A
CONFIGURATION DETAILS OF
SCALE:
SIZE
01845
CAD FILE:
A
DWG. NO.
50 HIGH STREET
DRAWN BY
SHEET
2
6
A
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
APPROVED BY
D
DATE
3
4
APPROVALS
COLOR VARIATIONS
C
B
D
1
CHECKED BY
5
REV.
A
02/16/01
APPROVED
8
B
DESCRIPTION
REVISIONS
6
1
D.PARHAM
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
4
3
5
7
ECN 9209: REVISED "REVERSER" LABEL, NEW FORMAT
1
2
DMA030MF.SLDDRW
REV
DMA030MF
DATE
B
R.CARRICK
02/13/01
02/12/01
8/23/12
1
5/17/18
D.FRISIELLO
DRAWING REPLACES DMA030MF
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
FSCM NO.
8
UNDIMENSIONED FEATURES
PRODUCT DESCRIPTION
MAY OCCUR
ADAPTER, REVERSER 2&3 DB9M/F
DIMENSIONS ARE IN INCHES [mm]
CATEGORY
43321
NONE
MAY VARY
D-SUBMINIATURE
PROJECTION
NORTH ANDOVER, MA
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
9 PIN FEMALE
D-SUB CONNECTOR
NOTES:
1. ALL CONTACTS ARE GOLD PLATED OVER NICKEL.
2. COMPLETE 360° SHIELDING.
3. EXPOSED STEEL SURFACES ARE TIN PLATED, AND JACKSCREWS
ARE NICKEL PLATED.
4. CONNECTOR INSULATORS ARE GLASS FILLED PBT.
5. COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
PIN 1
D-SUB CONNECTOR
9 PIN MALE
2X 4-40 UNC-2A
THREAD
.71
18.1
DB9F
DB9M
PIN 1
PIN 1
PIN 2
PIN 3
PIN 3
PIN 2
PIN 4
PIN 4
PIN 5
PIN 5
PIN 6
PIN 6
PIN 7
PIN 7
PIN 8
PIN 8
PIN 9
PIN 9


Similar Part No. - DMA030MF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DMA010FM L-COM-DMA010FM Datasheet
78Kb / 1P
ADPT, SER PORT DB9F/DB25M
12/03/2001
DMA010MF L-COM-DMA010MF Datasheet
63Kb / 1P
SERIAL PORT ADAPTOR
12/03/2001
DMA040MF L-COM-DMA040MF Datasheet
70Kb / 1P
ADPT, REVERSER 2&3 DB25M/F
10/4/2000
DMA060MF L-COM-DMA060MF Datasheet
82Kb / 1P
NULL MODEM, DB9 MALE/FEMALE
02/12/2001
DMA070MF L-COM-DMA070MF Datasheet
69Kb / 1P
ADPT, NULL MODEM DB25M/F STD
02/12/01
More results

Similar Description - DMA030MF

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SG900200 CELDUC-SG900200 Datasheet
137Kb / 4P
MOTOR REVERSER
SG969100 CELDUC-SG969100 Datasheet
186Kb / 5P
MOTOR REVERSER
SV969300 CELDUC-SV969300 Datasheet
187Kb / 5P
MOTOR REVERSER
SV969500 CELDUC-SV969500 Datasheet
392Kb / 5P
MOTOR REVERSER
logo
Vitesse Semiconductor C...
SD799-3 VITESSE-SD799-3 Datasheet
40Kb / 1P
ADAPTER, F-F, C
logo
Winchester Electronics ...
SD799-3 WINCHESTER-SD799-3 Datasheet
40Kb / 1P
ADAPTER, F-F, C
SD1209-13 WINCHESTER-SD1209-13 Datasheet
61Kb / 1P
ADAPTER, F-F, N
SDKC-99-20 WINCHESTER-SDKC-99-20 Datasheet
36Kb / 1P
ADAPTER, BNC TEE, F-F-F
logo
HARTING Technology Grou...
09-15-000-6293 HARTING-09-15-000-6293 Datasheet
451Kb / 2P
Han D-F-contact f. Han Q4/2 PCB adapter
logo
Advantech Co., Ltd.
31D1-28100 ADVANTECH-31D1-28100 Datasheet
425Kb / 1P
Mini DB9M to DB9M Null Modem Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com