Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMA040MF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DMA040MF
Description  ADPT, REVERSER 2&3 DB25M/F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DMA040MF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DMA040MF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.684
42.77
1.852
47.04
.449
11.40
4X R.13
3.4
2X R.06
1.5
FEMALE, 25 PIN
D-SUB CONNECTOR
RECOMMENDED
PANEL OPENING
MAX PANEL THICKNESS: 0.06"
.24
6.0
2X 4-40 UNC-2A
JACKSCREW
2X 4-40 UNC-2B
INTERNAL THREAD
.70
17.9
MALE, 25 PIN
D-SUB CONNECTOR
1.85
47.0
12.7
.50
2.10
53.4
9/29/14
D
C
B
A
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SIZE
DWG. NO.
B
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
8
7
6
5
4
32
1
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
PERMISSION OF L-COM, INC. IS PROHIBITED.
REVISIONS
REV
DESCRIPTION
DATE
CHANGED BY
UNLESS OTHERWISE SPECIFIED,
REV.
A
R.CARRICK
TJC
MAY VARY
10/4/2000
10/4/2000
10/4/2000
A
DRAWING REPLACES DMA040FM-OD1
SCALE: 2:1
ADPT, REVERSER 2&3 DB25M/F
CATEGORY
PRODUCT DESCRIPTION
L-COM, INC. ANY REPRODUCTIONS IN PART OR WHOLE WITHOUT THE WRITTEN
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF
D. DESJARDIN
DMA040MF
FSCM NO.
D.PARHAM
43321
SHEET 1 OF 1
CAD FILE: DMA040MF.SLDDRW
D-SUBMINIATURE
PROJECTION
UNDIMENSIONED FEATURES
MAY OCCUR
DIMENSIONS ARE IN INCHES [mm]
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2[51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ±.2 [5.08]
.XX = ±.02 [.51]
.XXX = ± .005 [.13]
NOTES:
MATERIALS:
SHELL: COLD ROLLED STEEL
CONTACTS: BRASS
INSULATOR: PBT UL94-V0 RATED
FINISH:
SHELL: TIN PLATED
CONTACT: GOLD FLASH OVER NICKEL
JACKSCREW: NICKEL PLATED
LABELING:
PANTONE 2945 BLUE. "L-COM" FONT MyriaMM ITALIC.
"REVERSER" FONT ARIAL BOLD, TEXT HEIGHTS; .085"
TEXT COLOR; WHITE.
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
WIRING MAP
"P1"
DB25M
"J1"
DB25F
11
23
32
44
55
66
77
88
99
10
10
11
11
12
12
13
13
14
14
15
15
16
16
17
17
18
18
19
19
20
20
21
21
22
22
23
23
24
24
25
25
SHELL
SHELL
NOTES:
MATERIALS:
SHELL: COLD ROLLED STEEL
CONTACTS: BRASS
INSULATOR: PBT UL94-V0 RATED
FINISH:
SHELL: TIN PLATED
CONTACT: GOLD FLASH OVER NICKEL
JACKSCREW: NICKEL PLATED
LABELING:
PANTONE 2945 BLUE. "L-COM" FONT MyriaMM ITALIC.
"REVERSER" FONT ARIAL BOLD, TEXT HEIGHTS; .085"
TEXT COLOR; WHITE.
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)


Similar Part No. - DMA040MF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DMA010FM L-COM-DMA010FM Datasheet
78Kb / 1P
ADPT, SER PORT DB9F/DB25M
12/03/2001
DMA010MF L-COM-DMA010MF Datasheet
63Kb / 1P
SERIAL PORT ADAPTOR
12/03/2001
DMA030MF L-COM-DMA030MF Datasheet
81Kb / 1P
ADAPTER, REVERSER 2&3 DB9M/F
02/12/01
DMA060MF L-COM-DMA060MF Datasheet
82Kb / 1P
NULL MODEM, DB9 MALE/FEMALE
02/12/2001
DMA070MF L-COM-DMA070MF Datasheet
69Kb / 1P
ADPT, NULL MODEM DB25M/F STD
02/12/01
More results

Similar Description - DMA040MF

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD879-5-15-MA9 WINCHESTER-SD879-5-15-MA9 Datasheet
41Kb / 1P
ADPT, F-F, BNC TO SMA
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD1209-20 WINCHESTER-SD1209-20 Datasheet
63Kb / 1P
ADPT, TNC-N, F-M
SD2029-15-9 WINCHESTER-SD2029-15-9 Datasheet
48Kb / 1P
ADPT, F-F, 75 BNC-75 BNC
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KA-91-11 WINCHESTER-KA-91-11 Datasheet
42Kb / 1P
ADPT, M-F, TNC-BNC
KA-91-18 WINCHESTER-KA-91-18 Datasheet
43Kb / 1P
ADPT, M-F, TNC-BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com