Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMA071MF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DMA071MF
Description  ADPT, NULL MODEM DB25M/F FULL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DMA071MF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DMA071MF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.684
42.77
1.852
47.04
.449
11.40
4X R.13
3.4
2X R.06
1.5
SCALE: 2:1
D
C
B
A
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SIZE
DWG. NO.
B
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
8
7
6
5
4
32
1
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
PERMISSION OF L-COM, INC. IS PROHIBITED.
REVISIONS
REV
DESCRIPTION
DATE
CHANGED BY
MAY VARY
43321
SHEET 1 OF 1
REV.
A
C.MCCORMICK
D.PARHAM
R.CARRICK
02/12/01
02/12/01
02/12/01
A
ADPT, NULL MODEM DB25M/F FULL
CATEGORY
PRODUCT DESCRIPTION
L-COM, INC. ANY REPRODUCTIONS IN PART OR WHOLE WITHOUT THE WRITTEN
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF
UNLESS OTHERWISE SPECIFIED,
DMA071MF
FSCM NO.
D. DESJARDIN
CAD FILE: DMA071MF.SLDDRW
DRAWING REPLACES DMA071MF-OD1
9/29/14
D-SUBMINIATURE
PROJECTION
UNDIMENSIONED FEATURES
MAY OCCUR
DIMENSIONS ARE IN INCHES [mm]
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2[51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ±.2 [5.08]
.XX = ±.02 [.51]
.XXX = ± .005 [.13]
.24
6.0
MALE, 25 PIN
D-SUB CONNECTOR
2.10
53.4
.50
12.7
1.85
47.0
2X 4-40 UNC-2A
JACKSCREW
2X 4-40 UNC-2B
INTERNAL THREAD
.70
17.9
NOTES:
MATERIALS:
SHELL: COLD ROLLED STEEL
CONTACTS: BRASS
INSULATOR: PBT UL94-V0 RATED
FINISH:
SHELL: TIN PLATED
CONTACT: GOLD FLASH OVER NICKEL
JACKSCREW: NICKEL PLATED
LABELING:
PANTONE 2945 BLUE. "L-COM" FONT MyriaMM ITALIC.
"NULL MODEM" FONT ARIAL BOLD, TEXT HEIGHTS; .085"
TEXT COLOR; WHITE.
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
WIRING MAP
"J1"
DB25F
"P1"
DB25M
11
23
32
45
54
68, 20
77
8, 20
6
SHELL
SHELL
NOTES:
MATERIALS:
SHELL: COLD ROLLED STEEL
CONTACTS: BRASS
INSULATOR: PBT UL94-V0 RATED
FINISH:
SHELL: TIN PLATED
CONTACT: GOLD FLASH OVER NICKEL
JACKSCREW: NICKEL PLATED
LABELING:
PANTONE 2945 BLUE. "L-COM" FONT MyriaMM ITALIC.
"NULL MODEM" FONT ARIAL BOLD, TEXT HEIGHTS; .085"
TEXT COLOR; WHITE.
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
RECOMMENDED
PANEL OPENING
MAX PANEL THICKNESS: 0.06"
FEMALE, 25 PIN
D-SUB CONNECTOR


Similar Part No. - DMA071MF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DMA070MF L-COM-DMA070MF Datasheet
69Kb / 1P
ADPT, NULL MODEM DB25M/F STD
02/12/01
DMA072MF L-COM-DMA072MF Datasheet
70Kb / 1P
ADPT, NULL MODEM DB25M/F AUTO
02/12/0
DMA074MF L-COM-DMA074MF Datasheet
69Kb / 1P
ADPT, NULL MDM DB25M/F SPECIAL
02/12/01
More results

Similar Description - DMA071MF

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD879-5-15-MA9 WINCHESTER-SD879-5-15-MA9 Datasheet
41Kb / 1P
ADPT, F-F, BNC TO SMA
logo
List of Unclassifed Man...
P114-000 ETC2-P114-000 Datasheet
492Kb / 2P
Computer Cable, Null Modem Adapter DB25M to DB25F Gold Connectors
logo
Tripp Lite. All Rights ...
P450-006 TRIPPLITE-P450-006 Datasheet
487Kb / 3P
Null Modem Serial RS232 Cable (DB9 F/F) 6-ft.
P454-006 TRIPPLITE-P454-006 Datasheet
479Kb / 3P
Null Modem Serial RS232 Cable (DB9 M/F) 6-ft
logo
Winchester Electronics ...
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
logo
Tripp Lite. All Rights ...
P450006 TRIPPLITE-P450006 Datasheet
482Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F-F), 6-ft
P450010 TRIPPLITE-P450010 Datasheet
489Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F-F), 10-ft
P454006 TRIPPLITE-P454006 Datasheet
473Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 M-F), 6-ft
P450-010 TRIPPLITE-P450-010 Datasheet
162Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F/F), 10-ft.
logo
Advantech Co., Ltd.
MMNM9 ADVANTECH-MMNM9 Datasheet
270Kb / 1P
RS-232 Null Modem Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com